Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C104S Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9C104S
Description  E2POT??Nonvolatile Digital Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9C104S Datasheet(HTML) 1 Page - Xicor Inc.

  X9C104S Datasheet HTML 1Page - Xicor Inc. X9C104S Datasheet HTML 2Page - Xicor Inc. X9C104S Datasheet HTML 3Page - Xicor Inc. X9C104S Datasheet HTML 4Page - Xicor Inc. X9C104S Datasheet HTML 5Page - Xicor Inc. X9C104S Datasheet HTML 6Page - Xicor Inc. X9C104S Datasheet HTML 7Page - Xicor Inc. X9C104S Datasheet HTML 8Page - Xicor Inc. X9C104S Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
X9C102/103/104/503
1
©Xicor, Inc. 1994, 1995 Patents Pending
Characteristics subject to change without notice
3863-2.4 9/18/96 T2/C0/D0 SH
DESCRIPTION
The Xicor X9C102/103/104/503 is a solid state nonvola-
tile potentiometer and is ideal for digitally controlled
resistance trimming.
The X9C102/103/104/503 is a resistor array composed of
99 resistive elements. Between each element and at
either end are tap points accessible to the wiper element.
The position of the wiper element is controlled by the
CS,
U/
D, and INC inputs. The position of the wiper can be
stored in nonvolatile memory and then be recalled upon a
subsequent power-up operation.
The resolution of the X9C102/103/104/503 is equal to
the maximum resistance value divided by 99. As an
example, for the X9C503 (50K
Ω) each tap point repre-
sents 505
Ω.
All Xicor nonvolatile memories are designed and tested
for applications requiring extended endurance and data
retention.
FEATURES
Compatible with X9102/103/104/503
Low Power CMOS
—VCC = 5V
—Active Current, 3mA Max
—Standby Current, 500
µA Max
99 Resistive Elements
—Temperature Compensated
± 20% End to End Resistance Range
100 Wiper Tap Points
—Wiper Positioned via Three-Wire Interface
—Similar to TTL Up/Down Counter
—Wiper Position Stored in Nonvolatile
Memory and Recalled on Power-Up
100 Year Wiper Position Data Retention
X9C102 = 1K
X9C103 = 10K
X9C503 = 50K
X9C104 = 100K
E2POTNonvolatile Digital Potentiometer
X9C102/103/104/503
E2POTis a trademark of Xicor, Inc.
3863 FHD F01
FUNCTIONAL DIAGRAM
7-BIT
UP/DOWN
COUNTER
7-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
ONE-
HUNDRED
DECODER
RESISTOR
ARRAY
99
98
97
96
2
1
0
VL
VW
VH
U/D
INC
CS
VCC
GND
TRANSFER
GATES
Terminal Voltage
±5V, 100 Taps
APPLICATION NOTES
A V AILABLE
AN42 • AN44–48 • AN50 • AN52 • AN53 • AN71 • AN73


Similar Part No. - X9C104S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104S INTERSIL-X9C104S Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C104S INTERSIL-X9C104S Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C104S INTERSIL-X9C104S Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C104S INTERSIL-X9C104S Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C104S INTERSIL-X9C104S Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C104S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com