Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0184 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0184
Description  IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Quick-connect or Screw-on Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0184 Datasheet(HTML) 1 Page - Schurter Inc.

  0184 Datasheet HTML 1Page - Schurter Inc. 0184 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Connectors (Inlets/Outlets)
084
www.schurter.com/pg07
Connectors
IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Quick-connect or Screw-on Terminal
C16 A
155° C
Description
-PanelMount:
Snap-inversion,Frontside
-ApplianceInlet,Pintemperature155°C,ProtectionclassI
Approvals
-VDELicenseNumber:40009510
-ULLicenseNumber:E96454
-CSALicenseNumber:27324
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,Distributor-Stock-
Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
15A/250VAC;60Hz
DielectricStrength
>3kVACbetweenL-N
>1.5kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto155°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
PanelThicknesss
Snap-inversion
1/1.2/1.5/2.0/2.5/2.7/3.0/4.0mm
Material:Housing
blackorgrey
ApplianceInlet
C16Aacc.toIEC/EN60320-1
UL498,CSAC22.2no.42(forhotcon-
ditions)pin-temperature155°C,10A,
ProtectionClass1
Dimensions
31.2mm
27.5
31.2
27.3
17.5
3
+0.2
- 0
"X"
Lenght of the terminal please find at the order code configuration table
Dimension "X" please ref. to table order code


Similar Part No. - 0184

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
018-1000 HUAXINAN-018-1000 Datasheet
919Kb / 1P
   Low coil power consumption
018-220 HUAXINAN-018-220 Datasheet
487Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique
018-900 HUAXINAN-018-900 Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
logo
STEGO Elektrotechnik Gm...
01800.0-00 STEGO-01800.0-00 Datasheet
587Kb / 2P
   FILTER FAN
20.03.2015
01800.0-01 STEGO-01800.0-01 Datasheet
587Kb / 2P
   FILTER FAN
20.03.2015
More results

Similar Description - 0184

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0181-A SCHURTER-0181-A Datasheet
299Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
0181 SCHURTER-0181 Datasheet
294Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
0183 SCHURTER-0183 Datasheet
291Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0183 SCHURTER-0183_14 Datasheet
172Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
6120-5 SCHURTER-6120-5_18 Datasheet
199Kb / 3P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6120-5 SCHURTER-6120-5_V02 Datasheet
200Kb / 3P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
6120-5 SCHURTER-6120-5 Datasheet
332Kb / 2P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6120-3_1809 SCHURTER-6120-3_1809 Datasheet
261Kb / 3P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6120-3 SCHURTER-6120-3_18 Datasheet
248Kb / 3P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6120-3 SCHURTER-6120-3 Datasheet
352Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com