Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM9435GH Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM9435GH
Description  P-channel Enhancement-mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9435GH Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM9435GH Datasheet HTML 1Page - Silicon Standard Corp. SSM9435GH Datasheet HTML 2Page - Silicon Standard Corp. SSM9435GH Datasheet HTML 3Page - Silicon Standard Corp. SSM9435GH Datasheet HTML 4Page - Silicon Standard Corp. SSM9435GH Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.SiliconStandard.com
2 of 5
SSM9435GH,J
2/16/2005 Rev.2.1
Electrical Characteristics @ T j=25°C (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
BV
DSS/
Tj
Breakdown Voltage Temperature Coefficient
Reference to 25°C, ID=-1mA
-
-0.1
-
V/°C
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-10A
-
-
50
m
VGS=-4.5V, ID=-5A
-
-
90
m
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-10A
-
9.6
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-30V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=-24V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS=± 20V
-
-
±100
nA
Qg
Total Gate Charge
2
ID=-10A
-
10
16
nC
Qgs
Gate-Source Charge
VDS=-24V
-
3
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
0.8
-
nC
td(on)
Turn-on Delay Time
2
VDS=-15V
-
9.6
-
ns
tr
Rise Time
ID=-10A
-
18
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω , VGS=-10V
-
19
-
ns
tf
Fall Time
RD=1.5Ω
-14
-
ns
Ciss
Input Capacitance
VGS=0V
-
463
740
pF
Coss
Output Capacitance
VDS=-25V
-
187
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
140
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=-10A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
2
IS=-10A, VGS=0V,
-
34
-
ns
Qrr
Reverse Recovery Charge
dI/dt=-100A/µs
-
30
-
nC
Notes:
1.Pulse width limited by maximum junction temperature.
2.Pulse width <300us , duty cycle <2%.


Similar Part No. - SSM9435GH

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM9435GM SSC-SSM9435GM Datasheet
528Kb / 5P
   P-channel Enhancement-mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSM9435GM VBSEMI-SSM9435GM Datasheet
961Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SSM9435GH

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com