Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25F032V-5 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X25F032V-5
Description  SerialFlash??Memory With Block LockTM Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F032V-5 Datasheet(HTML) 1 Page - Xicor Inc.

  X25F032V-5 Datasheet HTML 1Page - Xicor Inc. X25F032V-5 Datasheet HTML 2Page - Xicor Inc. X25F032V-5 Datasheet HTML 3Page - Xicor Inc. X25F032V-5 Datasheet HTML 4Page - Xicor Inc. X25F032V-5 Datasheet HTML 5Page - Xicor Inc. X25F032V-5 Datasheet HTML 6Page - Xicor Inc. X25F032V-5 Datasheet HTML 7Page - Xicor Inc. X25F032V-5 Datasheet HTML 8Page - Xicor Inc. X25F032V-5 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
X25F064/032/016/008
SerialFlash™ and Block Lock™ Protection are trademarks of Xicor, Inc.
SerialFlash™ Memory With Block LockTM Protection
FEATURES
• 1MHz Clock Rate
• SPI Serial Interface
• 64K/32K/16K/8K Bits
— 32 Byte Small Sector Program Mode
• Low Power CMOS
—<1
µA Standby Current
— <5mA Active Current
• 1.8V – 3.6V or 5V “Univolt” Read and
Program Power Supply Versions
• Block Lock Protection
— Protect 1/4, 1/2, or all of E2PROM Array
• Built-in Inadvertent Program Protection
— Power-Up/Power-Down protection circuitry
— Program Enable Latch
— Program Protect Pin
• Self-Timed Program Cycle
— 5ms Program Cycle Time (Typical)
• High Reliability
— Endurance: 100,000 cycles per byte
— Data Retention: 100 Years
— ESD protection: 2000V on all pins
• 8-Lead PDlP Package
• 8-Lead 150 mil SOIC Packages
• 32K, 16K, 8K available in 14-Lead TSSOP,
64K available in 20-Lead TSSOP
DESCRIPTION
The X25F064/032/016/008 family are 8/16/32/64K-bit
CMOS SerialFlash memory, internally organized
X 8. They feature a “Univolt” Program and Read voltage,
Serial Peripheral Interface (SPI), and software protocol
allowing operation on a simple three-wire bus. The bus
signals are a clock input (SCK), plus separate data in
(SI) and data out (SO) lines. Access to the device is
controlled through a chip select (
CS) input, allowing any
number of devices to share the same bus.
The X25F064/032/016/008 also features two additional
inputs that provide the end user with added flexibility. By
asserting the
HOLD input, the X25F064/032/016/008
will ignore transitions on its inputs, thus allowing the host
to service higher priority interrupts. The
PP input can be
used as a hardwire input to the X25F064/032/016/008
disabling all program attempts to the status register,
thus providing a mechanism for limiting end user capa-
bility of altering 0, 1/4, 1/2, or all of the memory.
The X25F064/032/016/008 utilizes Xicor’s proprietary
flash cell, providing a minimum endurance
of 100,000 cycles and a minimum data retention of
100 years.
FUNCTIONAL DIAGRAM
© Xicor, Inc. 1995, 1996 Patents Pending
Characteristics subject to change without notice
6685-3.1 8/29/96 T3/C0/D0 SH
6685 ILL F01.4
COMMAND
DECODE
AND CONTROL
LOGIC
X
DECODE
LOGIC
MEMORY
ARRAY
SI
SO
CS
HOLD
STATUS
REGISTER
PROGRAMMING
CONTROL LOGIC
PP
HIGH VOLTAGE
CONTROL
SECTOR DECODE LOGIC
32
8
DATA REGISTER
SCK
APPLICATION NOTE
A V A I L A B L E
AN61 • AN75 • AN77 • AN79 • AN82


Similar Part No. - X25F032V-5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F047M XICOR-X25F047M Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F047M-5 XICOR-X25F047M-5 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F047MI XICOR-X25F047MI Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F047MI-5 XICOR-X25F047MI-5 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
More results

Similar Description - X25F032V-5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com