Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9315ZMI Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9315ZMI
Description  E 2 POT TM Nonvolatile Digital Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9315ZMI Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9315ZMI Datasheet HTML 5Page - Xicor Inc. X9315ZMI Datasheet HTML 6Page - Xicor Inc. X9315ZMI Datasheet HTML 7Page - Xicor Inc. X9315ZMI Datasheet HTML 8Page - Xicor Inc. X9315ZMI Datasheet HTML 9Page - Xicor Inc. X9315ZMI Datasheet HTML 10Page - Xicor Inc. X9315ZMI Datasheet HTML 11Page - Xicor Inc. X9315ZMI Datasheet HTML 12Page - Xicor Inc. X9315ZMI Datasheet HTML 13Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
X9315
9
TYPICAL ABSOLUTE % ERROR PER TAP POSITION
TYPICAL RELATIVE % ERROR PER TAP POSITION
40.0%
30.0%
20.0%
10.0%
0.0%
-10.0%
-20.0%
-30.0%
-40.0%
0
3
6
9
12
15
Tap
18
21
24
27
30
20.0%
15.0%
10.0%
5.0%
0.0%
-5.0%
-10.0%
-15.0%
-20.0%
0
3
6
9
12
15
Tap
18
21
24
27
30


Similar Part No. - X9315ZMI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315 INTERSIL-X9315 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
X9315 INTERSIL-X9315 Datasheet
347Kb / 16P
   Digitally Controlled Potentiometer (XDCP??
X9315 INTERSIL-X9315 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9315 INTERSIL-X9315 Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results

Similar Description - X9315ZMI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com