Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9312TPI Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9312TPI
Description  E2POT??Nonvolatile Digital Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9312TPI Datasheet(HTML) 3 Page - Xicor Inc.

  X9312TPI Datasheet HTML 1Page - Xicor Inc. X9312TPI Datasheet HTML 2Page - Xicor Inc. X9312TPI Datasheet HTML 3Page - Xicor Inc. X9312TPI Datasheet HTML 4Page - Xicor Inc. X9312TPI Datasheet HTML 5Page - Xicor Inc. X9312TPI Datasheet HTML 6Page - Xicor Inc. X9312TPI Datasheet HTML 7Page - Xicor Inc. X9312TPI Datasheet HTML 8Page - Xicor Inc. X9312TPI Datasheet HTML 9Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
X9312
3
DEVICE OPERATION
There are three sections of the X9312: the input control,
counter and decode section; the nonvolatile memory;
and the resistor array. The input control section oper-
ates just like an up/down counter. The output of this
counter is decoded to turn on a single electronic switch
connecting a point on the resistor array to the wiper
output. Under the proper conditions the contents of the
counter can be stored in nonvolatile memory and re-
tained for future use. The resistor array is comprised of
99 individual resistors connected in series. At either end
of the array and between each resistor is an electronic
switch that transfers the potential at that point to the
wiper.
The
INC, U/D and CS inputs control the movement of the
wiper along the resistor array. With
CS set LOW the
X9312 is selected and enabled to respond to the
U/
D and INC inputs. HIGH to LOW transitions on INC will
increment or decrement (depending on the state of the
U/
D input) a seven bit counter. The output of this counter
is decoded to select one of one-hundred wiper positions
along the resistive array.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the
last position. That is, the counter does not wrap around
when clocked to either extreme.
The value of the counter is stored in nonvolatile memory
whenever
CS transistions HIGH while the INC input is
also HIGH.
When the X9312 is powered-down, the last counter
position stored will be maintained in the nonvolatile
memory. When power is restored, the contents of the
memory are recalled and the counter is reset to the value
last stored.
Operation Notes
The system may select the X9312, move the wiper and
deselect the device without having to store the latest
wiper position in nonvolatile memory. The wiper
movement is performed as described above; once the
new position is reached, the system would the keep
INC
LOW while taking
CS HIGH. The new wiper position
would be maintained until changed by the system or
until a power-up/down cycle recalled the previously
stored data.
This would allow the system to always power-up to a
preset value stored in nonvolatile memory; then during
system operation minor adjustments could be made.
The adjustments might be based on user preference,
system parameter changes due to temperature drift,
etc...
The state of U/
D may be changed while CS remains
LOW. This allows the host system to enable the X9312
and then move the wiper up and down until the proper
trim is attained.
TIW/RTOTAL
The electronic switches on the X9312 operate in a
“make before break” mode when the wiper changes tap
positions. If the wiper is moved several positions mul-
tiple taps are connected to the wiper for tIW (INC to VW
change). The RTOTAL value for the device can tempo-
rarily be reduced by a significant amount if the wiper is
moved several positions.
RTOTAL with VCC Removed
The end to end resistance of the array will fluctuate once
VCC is removed.
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance


Similar Part No. - X9312TPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9312 INTERSIL-X9312 Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
X9312WP INTERSIL-X9312WP Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
X9312WPI INTERSIL-X9312WPI Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
X9312WS INTERSIL-X9312WS Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
X9312WSI INTERSIL-X9312WSI Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
More results

Similar Description - X9312TPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com