Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241WPI Datasheet(PDF) 7 Page - Xicor Inc.

Part # X9241WPI
Description  Quad E2POT??Nonvolatile Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241WPI Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X9241WPI Datasheet HTML 3Page - Xicor Inc. X9241WPI Datasheet HTML 4Page - Xicor Inc. X9241WPI Datasheet HTML 5Page - Xicor Inc. X9241WPI Datasheet HTML 6Page - Xicor Inc. X9241WPI Datasheet HTML 7Page - Xicor Inc. X9241WPI Datasheet HTML 8Page - Xicor Inc. X9241WPI Datasheet HTML 9Page - Xicor Inc. X9241WPI Datasheet HTML 10Page - Xicor Inc. X9241WPI Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
X9241
7
DETAILED OPERATION
All four E2POT potentiometers share the serial interface
and share a common architecture. Each potentiometer
is comprised of a resistor array, a wiper counter register
and four data registers. A detailed discussion of the
register organization and array operation follows.
Wiper Counter Register
The X9241 contains four wiper counter registers (WCR),
one for each E2POT potentiometer. The WCR can be
envisioned as a 6-bit parallel and serial load counter with
its outputs decoded to select one of sixty-four switches
along its resistor array. The contents of the WCR can be
altered in four ways: it may be written directly by the host
via the Write WCR instruction (serial load); it may be
written indirectly by transferring the contents of one of
four associated data registers via the XFR Data Register
instruction (parallel load); it can be modified one step at
a time by the Increment/ Decrement instruction; finally,
it is loaded with the contents of its data register zero (R0)
upon power-up.
The WCR is a volatile register; that is, its contents are
lost when the X9241 is powered-down. Although the
register is automatically loaded with the value in R0
upon power-up, it should be noted this may be different
from the value present at power-down.
Data Registers
Each potentiometer has four nonvolatile data registers.
These can be read or written directly by the host and
data can be transferred between any of the four data
registers and the WCR. It should be noted all operations
changing data in one of these registers is a nonvolatile
operation and will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be
used as regular memory locations that could possibly
store system parameters or user preference data.
Figure 8. Detailed Potentiometer Block Diagram
3864 ILL F15
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
WIPER
COUNTER
REGISTER
INC/DEC
LOGIC
CASCADE
CONTROL
LOGIC
UP/DN
CLK
MODIFIED SCL
UP/DN
DW
CM
VH
VL
VW
IF WCR = 00[H] THEN VW = VL
IF WCR = 3F[H] THEN VW = VH
2
8
6
C
O
U
N
T
E
R
D
E
C
O
D
E


Similar Part No. - X9241WPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - X9241WPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com