Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40014V8-A Datasheet(PDF) 6 Page - Xicor Inc.

Part # X40014V8-A
Description  Dual Voltage Monitor with Integrated CPU Supervisor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40014V8-A Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X40014V8-A Datasheet HTML 2Page - Xicor Inc. X40014V8-A Datasheet HTML 3Page - Xicor Inc. X40014V8-A Datasheet HTML 4Page - Xicor Inc. X40014V8-A Datasheet HTML 5Page - Xicor Inc. X40014V8-A Datasheet HTML 6Page - Xicor Inc. X40014V8-A Datasheet HTML 7Page - Xicor Inc. X40014V8-A Datasheet HTML 8Page - Xicor Inc. X40014V8-A Datasheet HTML 9Page - Xicor Inc. X40014V8-A Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
X40010/X40011/X40014/X40015 – Preliminary
Characteristics subject to change without notice.
6 of 25
REV 1.3.4 7/12/02
www.xicor.com
Figure 5. VTRIPX Set/Reset Sequence (X = 1, 2)
VTRIPX Programming
Apply VCC and Voltage
Decrease VX
Actual VTRIPX -
Desired VTRIPX
DONE
Set Higher VX Sequence
Error < MDE
| Error | < | MDE |
YES
NO
Error > MDE+
> Desired VTRIPX to VX
Desired
Present Value
VTRIPX
Execute
No
YES
Execute
VTRIPX Reset Sequence
Execute
Set Higher VTRIPX Sequence
New VX applied =
Old VX applied + | Error |
New VX applied =
Old VX applied - | Error |
Execute Reset VTRIPX
Sequence
Output Switches?
Note: X = 1, 2
Let: MDE = Maximum Desired Error
Vx = VCC, VxMON
MDE+
Desired Value
MDE
Acceptable
Error Range
Error = Actual - Desired
WEL: Write Enable Latch (Volatile)
The WEL bit controls the access to the memory and to
the Register during a write operation. This bit is a vola-
tile latch that powers up in the LOW (disabled) state.
While the WEL bit is LOW, writes to any address,
including any control registers will be ignored (no
acknowledge will be issued after the Data Byte). The
WEL bit is set by writing a “1” to the WEL bit and zeros
to the other bits of the control register.
Once set, WEL remains set until either it is reset to 0
(by writing a “0” to the WEL bit and zeros to the other
bits of the control register) or until the part powers up
again. Writes to the WEL bit do not cause a high volt-
age write cycle, so the device is ready for the next
operation immediately after the stop condition.


Similar Part No. - X40014V8-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40014V8-A RENESAS-X40014V8-A Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results

Similar Description - X40014V8-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com