Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9514WPI Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9514WPI
Description  PushPot??Potentiometer (Push Button Controlled)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9514WPI Datasheet(HTML) 5 Page - Xicor Inc.

  X9514WPI Datasheet HTML 1Page - Xicor Inc. X9514WPI Datasheet HTML 2Page - Xicor Inc. X9514WPI Datasheet HTML 3Page - Xicor Inc. X9514WPI Datasheet HTML 4Page - Xicor Inc. X9514WPI Datasheet HTML 5Page - Xicor Inc. X9514WPI Datasheet HTML 6Page - Xicor Inc. X9514WPI Datasheet HTML 7Page - Xicor Inc. X9514WPI Datasheet HTML 8Page - Xicor Inc. X9514WPI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
X9514
5
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Typ.(4)
Max.
Units
Test Conditions
ICC
VCC Active Current
1
3
mA
PU or PD held at VIL the others at VIH
ISB
Standby Supply Current
200
µA
PU = PD = VH
ILI
ASE, PU, PD Input
10
µAVIN = VSS to VCC
Leakage Current
VIH
ASE, PU, PD Input
2
VCC + 1
V
HIGH Voltage
VIL
ASE, PU, PD Input
–1
0.8
V
LOW Voltage
RW
Wiper Resistance
40
100
Max. Wiper Current
±1mA
VVH
VH Terminal Voltage
–5
+5
V
VVL
VL Terminal Voltage
–5
+5
V
CIN(5)
ASE, PU, PD Input
10
pF
VCC = 5V, VIN = 0V,
Capacitance
TA = 25°C, f = 1MHz
6487 PGM T05.4
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
6487 PGM T03.1
Supply Voltage
Limits
X9514
5V
±10%
6487 PGM T04.1
Notes: (4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is periodically sampled and not 100% tested.
STANDARD PARTS
Part Number
Maximum Resistance
Wiper Increments
Minimum Resistance
X9514W
10K
Log Taper
40
6487 PGM T08.1
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance


Similar Part No. - X9514WPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
X9511 INTERSIL-X9511 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X9511 INTERSIL-X9511 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results

Similar Description - X9514WPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com