Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4004 Datasheet(PDF) 1 Page - Changzhou Shunye Electronics Co.,Ltd.

Part # UF4004
Description  ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Changzhou Shunye Electronics Co.,Ltd.]
Direct Link  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.

UF4004 Datasheet(HTML) 1 Page - Changzhou Shunye Electronics Co.,Ltd.

  UF4004 Datasheet HTML 1Page - Changzhou Shunye Electronics Co.,Ltd. UF4004 Datasheet HTML 2Page - Changzhou Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF4001 THRU UF4007
ULTRA FAST RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Case: JEDEC DO-41 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.012 ounce, 0.33 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ultra fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length at TA=55 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
50.0
RqJA
CJ
TJ,TSTG
50.0
15.0
-65 to +150
pF
C
A
u
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
50
75
ns
UF
4001
1000
700
1000
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
1.0
1.70
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375
” (9.5mm)lead length,P.C.B. mounted
UF
4002
UF
4003
UF
4004
UF
4005
UF
4006
UF
4007
Dimensions in inches and (millimeters)
DO-41
0.107(2.7)
0.080(2.0)
DIA.
0.034(0.9)
0.028(0.7)
DIA.
1.0 (25.4)
MIN.
0.205(5.2)
0.166(4.2)
1.0 (25.4)
MIN.
www.shunyegroup.com


Similar Part No. - UF4004

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
UF4004 EIC-UF4004 Datasheet
52Kb / 2P
   UTRAFAST EFFICIENT RECTIFIER DIODES
logo
Won-Top Electronics
UF4004 WTE-UF4004 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4004 DGNJDZ-UF4004 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
UF4004 LRC-UF4004 Datasheet
289Kb / 7P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
List of Unclassifed Man...
UF4004 ETC1-UF4004 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - UF4004

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
   ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR805 LUGUANG-MUR805 Datasheet
170Kb / 2P
   Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
HER601 JUXING-HER601 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N6620 NJSEMI-1N6620 Datasheet
100Kb / 1P
   ULTRA FAST RECTIFIERS
logo
Diode Semiconductor Kor...
MUR1605C DSK-MUR1605C Datasheet
343Kb / 2P
   ULTRA FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com