Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4005M8I-2.7A Datasheet(PDF) 10 Page - Xicor Inc.

Part # X4005M8I-2.7A
Description  CPU Supervisor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4005M8I-2.7A Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X4005M8I-2.7A Datasheet HTML 6Page - Xicor Inc. X4005M8I-2.7A Datasheet HTML 7Page - Xicor Inc. X4005M8I-2.7A Datasheet HTML 8Page - Xicor Inc. X4005M8I-2.7A Datasheet HTML 9Page - Xicor Inc. X4005M8I-2.7A Datasheet HTML 10Page - Xicor Inc. X4005M8I-2.7A Datasheet HTML 11Page - Xicor Inc. X4005M8I-2.7A Datasheet HTML 12Page - Xicor Inc. X4005M8I-2.7A Datasheet HTML 13Page - Xicor Inc. X4005M8I-2.7A Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
X4003/X4005
Characteristics subject to change without notice.
10 of 18
REV 1.1.3 4/30/02
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ................... -65°C to +135°C
Storage temperature ........................ -65°C to +150°C
Voltage on any pin with
respect to VSS.......................................-1.0V to +7V
D.C. output current ............................................... 5mA
Lead temperature (soldering, 10 seconds).........300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; the functional operation of
the device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
-40°C
+85°C
Option
Supply Voltage Limits
–1.8
1.8V to 3.6V
–2.7 and –2.7A
2.7V to 5.5V
Blank and –4.5A
4.5V to 5.5V
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
Notes: (1) The device enters the active state after any start, and remains active until: 9 clock cycles later if the device select bits in the slave
address byte are incorrect; 200ns after a stop ending a read operation; or tWC after a stop ending a write operation.
(2) The device goes into standby: 200ns after any stop, except those that initiate a nonvolatile write cycle; tWC after a stop that initiates
a nonvolatile cycle; or 9 clock cycles after any start that is not followed by the correct device select bits in the slave address byte.
(3) VIL min. and VIH max. are for reference only and are not tested.
Symbol
Parameter
VCC = 1.8 to 3.6V
VCC = 2.7 to 5.5V
Unit
Test Conditions
Min
Max
Min
Max
ICC
(1)
Active supply current
read control register
0.5
1.0
mA
fSCL =
400kHznonvolatile,
SDA = Open
ICC2
(1)
Active supply current
write control register
1.5
3.0
mA
ICC3
(2)
Operating current AC
(WDT off)
11
µA
ICC4
(2)
Operating current DC
(WDT off)
1
1
µA
VSDA = VSCL = VCC
Others = GND or VSB
ICC5
(2)
Operating current DC
(WDT on)
10
20
µA
ILI
Input leakage current
10
10
µA
VIN = GND to VCC
ILO
Output leakage current
10
10
µA
VSDA = GND to VCC
Device is in Standby(2)
VIL
(3)
Input LOW voltage
-0.5
VCC x 0.3
-0.5
VCC x 0.3
V
VIH
(3)
Input HIGH voltage
VCC x 0.7 VCC + 0.5 VCC x 0.7 VCC + 0.5
V
VHYS
Schmitt trigger input
hysteresis fixed input level
VCC related level
0.2
.05 x VCC
0.2
.05 x VCC
V
VOL
Output LOW voltage
0.4
0.4
V
IOL = 3.0mA (2.7–5.5V)
IOL = 1.8mA (1.8–3.6V)


Similar Part No. - X4005M8I-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4005M8I-2.7A INTERSIL-X4005M8I-2.7A Datasheet
266Kb / 17P
   CPU Supervisor
More results

Similar Description - X4005M8I-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com