Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40010S8-C Datasheet(PDF) 3 Page - Xicor Inc.

Part # X40010S8-C
Description  Dual Voltage Monitor with Integrated CPU Supervisor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40010S8-C Datasheet(HTML) 3 Page - Xicor Inc.

  X40010S8-C Datasheet HTML 1Page - Xicor Inc. X40010S8-C Datasheet HTML 2Page - Xicor Inc. X40010S8-C Datasheet HTML 3Page - Xicor Inc. X40010S8-C Datasheet HTML 4Page - Xicor Inc. X40010S8-C Datasheet HTML 5Page - Xicor Inc. X40010S8-C Datasheet HTML 6Page - Xicor Inc. X40010S8-C Datasheet HTML 7Page - Xicor Inc. X40010S8-C Datasheet HTML 8Page - Xicor Inc. X40010S8-C Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
X40010/X40011/X40014/X40015 – Preliminary
Characteristics subject to change without notice.
3 of 25
REV 1.3.4 7/12/02
www.xicor.com
PRINCIPLES OF OPERATION
Power On Reset
Application of power to the X40010/11/14/15 activates a
Power On Reset Circuit that pulls the RESET/RESET
pins active. This signal provides several benefits.
– It prevents the system microprocessor from starting to
operate with insufficient voltage.
– It prevents the processor from operating prior to stabili-
zation of the oscillator.
– It allows time for an FPGA to download its configuration
prior to initialization of the circuit.
– It prevents communication to the EEPROM, greatly
reducing the likelihood of data corruption on power up.
When VCC exceeds the device VTRIP1 threshold value for
tPURST (selectable) the circuit releases the RESET
(X40011) and RESET (X40010) pin allowing the system
to begin operation.
Low Voltage VCC (V1 Monitoring)
During operation, the X40010/11/14/15 monitors the VCC
level and asserts RESET/RESET if supply voltage falls
below a preset minimum VTRIP1. The RESET/RESET
signal prevents the microprocessor from operating in a
power fail or brownout condition. The V1FAIL signal
remains active until the voltage drops below 1V. It also
remains active until VCC returns and exceeds VTRIP1 for
tPURST.
Low Voltage V2 Monitoring
The X40010/11/14/15 also monitors a second voltage
level and asserts V2FAIL if the voltage falls below a
preset minimum VTRIP2. The V2FAIL signal is either
ORed with RESET to prevent the microprocessor from
operating in a power fail or brownout condition or used to
interrupt the microprocessor with notification of an
impending power failure. For the X40010/11 the V2FAIL
signal remains active until the VCC drops below 1V (VCC
falling). It also remains active until V2MON returns and
exceeds VTRIP2 by 0.2V. This voltage sense circuitry
monitors the power supply connected to the V2MON pin.
If VCC = 0, V2MON can still be monitored.
For the X40014/15 devices, the V2FAIL signal remains
actice until VCC drops below 1Vx and remains active until
V2MON returns and exceeds VTRIP2. This sense circuitry
is powered by VCC. If VCC = 0, V2MON cannot be moni-
tored.
Figure 1. Two Uses of Multiple Voltage Monitoring
6–10V
VCC
5V
Reg
V2MON
X40011-A
Resistors selected so 3V appears on V2MON when unregulated
supply reaches 6V.
Unreg.
Supply
VCC
X40014-C
RESET
V2FAIL
System
VCC
Reset
RESET
V2FAIL
VCC
System
Reset
Notice: No external components required to monitor two voltages.
1M
1M
V2MON
3.3V
Reg
1.2V
Reg
V2MON
(2.9V)
5
7
SDA
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the device. It has an
open drain output and may be wire ORed with other open drain or open collector outputs. This pin
requires a pull up resistor and the input buffer is always active (not gated).
Watchdog Input. A HIGH to LOW transition on the SDA (while SCL is toggled from HIGH to
LOW and followed by a stop condition) restarts the Watchdog timer. The absence of this tran-
sition within the watchdog time out period results in WDO going active.
6
8
SCL
Serial Clock. The Serial Clock controls the serial bus timing for data input and output.
7
1
WDO
WDO Output. WDO is an active LOW, open drain output which goes active whenever the
watchdog timer goes active.
82
VCC
Supply Voltage
PIN DESCRIPTION (Continued)
Pin
Name
Function
SOIC TSSOP


Similar Part No. - X40010S8-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40010S8-C RENESAS-X40010S8-C Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results

Similar Description - X40010S8-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com