Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM85T03GH Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM85T03GH
Description  N-channel Enhancement-mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM85T03GH Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM85T03GH Datasheet HTML 1Page - Silicon Standard Corp. SSM85T03GH Datasheet HTML 2Page - Silicon Standard Corp. SSM85T03GH Datasheet HTML 3Page - Silicon Standard Corp. SSM85T03GH Datasheet HTML 4Page - Silicon Standard Corp. SSM85T03GH Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
N-channel Enhancement-mode Power MOSFET
Low gate-charge
BVDSS
30V
Simple drive requirement
R DS(ON)
6m
Fast switching
ID
75A
DESCRIPTION
The SSM85T03GH is in a TO-252 package, which is widely used for
commercial and industrial surface mount applications, and is well suited
for low voltage applications such as DC/DC converters. The through-hole
version, the SSM85T03J in TO-251, is available for low-footprint vertical
G
D
S
TO-251 (J)
G
D S
TO-252 (H)
G
D
S
mounting. These devices are manufactured with an advanced process,
providing improved on-resistance and switching performance. The devices
have a maximum junction temperature rating of 175°C for improved thermal
margin and reliability.
SSM85T03GH,J
5/17/2005 Rev.2.3
ABSOLUTE MAXIMUM RATINGS
Symbol
Units
VDS
V
VGS
V
ID @ TC=25°C
ID @ TC=100°C
IDM
A
PD @ TC=25°C
W/°C
EAS
Single Pulse Avalanche Energy
3
mJ
TSTG
TJ
Symbol
Value
Unit
Rthj-c
Thermal Resistance Junction-case
Max.
1.4
°C/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
110
°C/W
Parameter
Rating
Drain-Source Voltage
30
Gate-Source Voltage
Continuous Drain Current, VGS @ 4.5V
75
A
Continuous Drain Current, VGS @ 4.5V
55
A
Pulsed Drain Current
1
350
Operating Junction Temperature Range
-55 to 175
°C
Linear Derating Factor
0.7
Storage Temperature Range
Total Power Dissipation
107
W
-55 to 175
°C
29
THERMAL DATA
Parameter
± 20
Pb-free; RoHS compliant.


Similar Part No. - SSM85T03GH

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM85T08GP SSC-SSM85T08GP Datasheet
197Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - SSM85T03GH

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com