Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9015US Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9015US
Description  Digitally-Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9015US Datasheet(HTML) 5 Page - Xicor Inc.

  X9015US Datasheet HTML 1Page - Xicor Inc. X9015US Datasheet HTML 2Page - Xicor Inc. X9015US Datasheet HTML 3Page - Xicor Inc. X9015US Datasheet HTML 4Page - Xicor Inc. X9015US Datasheet HTML 5Page - Xicor Inc. X9015US Datasheet HTML 6Page - Xicor Inc. X9015US Datasheet HTML 7Page - Xicor Inc. X9015US Datasheet HTML 8Page - Xicor Inc. X9015US Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
X9015
5
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Typ.(4)
Max.
ICC1
VCC Active Current
(Increment)
50
µA
CS = VIL, U/D = VIL or VIH and
INC = 0.4V @ max. tCYC
ISB
Standby Supply Current
1
µA
CS = VCC – 0.3V, U/D and
INC = VSS or VCC – 0.3V
ILI
CS, INC, U/D Input
±10
µA
VIN = VSS to VCC
Leakage Current
VIH
CS, INC, U/D Input
VCC x 0.7
VCC + 0.5
V
HIGH Voltage
VIL
CS, INC, U/D Input
–0.5
VCC x 0.1
V
LOW Voltage
CIN(5)
CS, INC, U/D Input
10
pF
VCC = 5V, VIN = VSS,
Capacitance
TA = 25°C, f = 1MHz
Test Circuit #2
FORCE
CURRENT
VL
VW
VH
TEST POINT
Test Circuit #1
TEST POINT
VW/RW
VH/RH
VL/RL
VS
Test Circuit #2
FORCE
CURRENT
VL
VW
VH
TEST POINT
Test Circuit #2
FORCE
CURRENT
VL
VW
POINT
VH/RH
VW/RW
VL/RL
Circuit #3 SPICE Macromodel
CH
CL
RW
10pF
10pF
RH
RL
RTOTAL
CW
25pF


Similar Part No. - X9015US

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015US8 INTERSIL-X9015US8 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015US8 INTERSIL-X9015US8 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9015US8-2.7 INTERSIL-X9015US8-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015US8-2.7 INTERSIL-X9015US8-2.7 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9015US8I INTERSIL-X9015US8I Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
More results

Similar Description - X9015US

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com