Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA10A Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SA10A
Description  GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

SA10A Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SA10A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SA10A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SA10A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SA10A Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SA5.0 THRU SA170CA
GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage:5.0-170CA Volts
Pesk Pulse Power:500 Watts
Case: JEDEC DO-15 molded plastic body over
passivated junction
Terminals: Plated axial leads, solderable per MIL-STD 750
method 2026
Polarity: Color band denotes cathode except for
bidirectional types
Mounting Position: Any
Weight: 0.014 ounce,0.40 grams
FEATURE
MECHANICAL DATA
Dimensions in inches and (millimeters)
500w peak pulse power capability
Excellent clamping capability
Low incremental surge resistance
Fast response time:typically less than 1.0ps from 0v to
VBR for unidirectional and 5.0ns ror bidirectional types.
High temperature soldering guaranteed:
265 C/10S/9.5mm lead length at 5 lbs tension
DO-15
0.140(3.6)
0.104(2.6)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.
0.300(7.6)
0.230(5.8)
1.0(25.4)
MIN.
1.0 (25.4)
MIN.
C
Peak power dissipation
(Note 1)
Peak polse reverse current
(Note 1, Fig.3)
Steady state power dissapation (Note 2)
Peak forward surge current
(Note 3)
Maximum instantaneous forward voltage at 35A
for unidirectional only
(Note 3)
Operating junction and storage temperature range
Pppm
IPPM
PM(AV)
IFSM
TSTG,TJ
3.5
SYMBOLS
UNITS
VALUE
Minimum 500
See Table 1
1.6
70
-55 to + 175
VF
Watts
Amps
Watts
Amps
Volts
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unLess otherwise specified.
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use C or CA suffix for types SA5.0 thru types SA170 (e.g. SA5.0CA,SA170CA).
Electrical characteristics apply in both directions.
1.10/1000ms waveform non-repetitive current pulse,per Fig.3 and derated above Ta=25 C per Fig.2
2.TL=75 C,lead lengths 9.5mm,Mounted on copper pad atea of (40x40mm)Fig.5
3.Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
Notes:
www.shunyegroup.com


Similar Part No. - SA10A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SA10A LUGUANG-SA10A Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Motorola, Inc
SA10A MOTOROLA-SA10A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA10A LEIDITECH-SA10A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Vishay Siliconix
SA10A VISHAY-SA10A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Littelfuse
SA10A LITTELFUSE-SA10A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
More results

Similar Description - SA10A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SA5.0 SHUNYE-SA5.0 Datasheet
659Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE SHUNYE-P4KE Datasheet
877Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 SHUNYE-P4KE6.8 Datasheet
661Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE SHUNYE-P6KE Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8_V01 Datasheet
558Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 CHENDA-P4KE6.8_V02 Datasheet
602Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0A CHENDA-SA5.0A_V01 Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
P4KE6.8 SY-P4KE6.8 Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
SA5.0 CHENDA-SA5.0 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 CHENDA-1.5KE6.8_V01 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com