Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X88C75 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X88C75
Description  Port Expander and E2 Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C75 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X88C75 Datasheet HTML 6Page - Xicor Inc. X88C75 Datasheet HTML 7Page - Xicor Inc. X88C75 Datasheet HTML 8Page - Xicor Inc. X88C75 Datasheet HTML 9Page - Xicor Inc. X88C75 Datasheet HTML 10Page - Xicor Inc. X88C75 Datasheet HTML 11Page - Xicor Inc. X88C75 Datasheet HTML 12Page - Xicor Inc. X88C75 Datasheet HTML 13Page - Xicor Inc. X88C75 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
X88C75 SLIC® E2
10
Configuration Register (CR)
The Configuration Register is a volatile register used to
configure the operation of the I/O ports. The configura-
tion register allows the microcontroller to designate
whether each of the two ports is an input or output, what
type of output drive is to be used, and what is the polarity
of the two strobe lines, STRA and STRB. The bit map
of configuration register is shown below.
The IRST bit in the configuration register controls the
method used to clear the port
interrupt request
flags(INTA, INTB). The interrupts are reset by either
reading the interrupt source or writing to the Interrupt
Status Register. The interrupt must be disabled prior to
changing strobe polarity bits(STPA, SPTB),
or port
direction bits (DIRA, DIRB) in CR. Otherwise, any at-
tempt to modify status of these bits may cause an
interrupt to occur.
Port Data Registers (PDR)
The PDRA/PDRB are byte-wide latches which hold port
data. When a port is configured as output, the outputs
of its PDR latch are connected to the port pins. Writing
to PDR generates a pulse on the port strobe pin and
latches the data. If a port is configured as an input, the
inputs of its PDR latch are connected to the port pins.
External data is latched into PDR on the positive edge of
its clock. The port strobe input and strobe polarity bit
(STPA, STPB) are XORed to generate the PDR
input clock.
Port Pin Registers (PPR)
The read-only Port Pin Registers are used for reading
the current status of the external I/O port pins. Accessing
the PPR causes the values on the port pins to be placed
on the data bus.
The port direction control bits in configuration register
set the direction for the entire port and no control
mechanism is provided to program the direction of
individual pins. However, the ports have a flexible archi-
tecture which allows operating the I/O ports in bidirec-
tional mode using the PPR read feature.
A port can be operated in input/output mode by config-
uring it as an open-drain output port. The port wire-OR
bit (AWO, or BWO in CR) and its port data direction bit
(DIRA, or DIRB in CR) should be set to “1”. The PDR bits
which correspond to the port pins assigned as inputs
should be programmed to “1”. For monitoring the status
of the input pins, the PPR can be read. In this application
the port strobe pin and the PDR latch are in output mode.
In open-drain mode, there are weak internal pull-ups on
the port pins, however external pull-ups must be used for
proper switching of the I/O lines.
STATIC RAM BLOCK
There are 16 bytes of volatile static RAM registers
mapped to the SFR region. They reside in the 200H-
20FH area offset from the SFR base address. Access-
ing these registers has to be done through external RAM
operations for both writes and reads.
IRST
2887 ILL F15.1
1
AWO BWO DIRA DIRB STPA STPB
76543210
Interrupt Request Reset Mode
This bit controls the clearing of the
interrupt request flag.
“0” = Reading the interrupt source
“1” = Writing to the request register
Port A – Outputs
“0” = CMOS
“1” = Open-Drain
Port B – Outputs
“0” = CMOS
“1” = Open-Drain
Port A – Direction Flag
“0” = Input mode
“1” = Output mode
Port B – Direction Flag
“0” = Input mode
“1” = Output mode
Strobe B – Strobe Pin Polarity
“0” = Active LOW
“1” = Active HIGH
Strobe A – Strobe Pin Polarity
“0” = Active LOW
“1” = Active HIGH
Figure 11. Configuration Register


Similar Part No. - X88C75

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64P XICOR-X88C64P Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X88C64P XICOR-X88C64P Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64PI XICOR-X88C64PI Datasheet
71Kb / 14P
   E2 Micro-Peripheral
More results

Similar Description - X88C75

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X68C75 XICOR-X68C75 Datasheet
123Kb / 26P
   Port Expander and E2 Memory
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
   INPUT/OUTPUT PORT EXPANDER
logo
Maxim Integrated Produc...
DS4550 MAXIM-DS4550 Datasheet
930Kb / 19P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
19-8356; Rev 1; 7/17
logo
Dallas Semiconductor
DS4550 DALLAS-DS4550 Datasheet
650Kb / 18P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
logo
Maxim Integrated Produc...
MAX7319 MAXIM-MAX7319_V01 Datasheet
937Kb / 15P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
19-3809; Rev 2; 5/14
MAX7319 MAXIM-MAX7319 Datasheet
251Kb / 16P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
Rev 1; 10/05
logo
STMicroelectronics
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
   6/3 X 8 PORT EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com