Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X84041SI Datasheet(PDF) 7 Page - Xicor Inc.

Part # X84041SI
Description  Micro Port Saver E2PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84041SI Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X84041SI Datasheet HTML 3Page - Xicor Inc. X84041SI Datasheet HTML 4Page - Xicor Inc. X84041SI Datasheet HTML 5Page - Xicor Inc. X84041SI Datasheet HTML 6Page - Xicor Inc. X84041SI Datasheet HTML 7Page - Xicor Inc. X84041SI Datasheet HTML 8Page - Xicor Inc. X84041SI Datasheet HTML 9Page - Xicor Inc. X84041SI Datasheet HTML 10Page - Xicor Inc. X84041SI Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
X84041
7
EQUIVALENT A.C. LOAD CIRCUITS
Notes: (4) Periodically sampled, but not 100% tested. tHZ and tOHZ are measured from the point where CE or OE goes
HIGH (whichever occurs first) to the time when I/O is no longer being driven into a 5pF load.
A.C. CHARACTERISTICS
(Over the recommended operating conditions, unless otherwise specified.)
Read Cycle Limits – X84041
VCC = 5V ±10%
VCC = 3V ±10%
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
Read Cycle Time
300
300
ns
tCE
CE Access Time
45
65
ns
tOE
OE Access Time
45
65
ns
tLOW
CE LOW Time
70
70
ns
tHIGH
CE HIGH Time
70
70
ns
tLZ(4)
CE LOW to Output In Low Z
0
0
ns
tHZ(4)
CE HIGH to Output In High Z
0
30
0
35
ns
tOLZ(4)
OE LOW to Output In Low Z
0
0
ns
tOHZ(4)
OE HIGH to Output In High Z
0
30
0
35
ns
tOH
Output Hold from
CE or OE HIGH
0
0
ns
tWES
WE HIGH Setup Time
25
25
ns
tWEH
WE HIGH Hold Time
25
25
ns
2704 PGM T09.3
5V
30pF
2.06K
3.03K
OUTPUT
2704 ILL F05.2
3V
30pF
2.39K
4.58K
OUTPUT
2704 ILL F05a.3


Similar Part No. - X84041SI

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84128 ICMIC-X84128 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128-1.8 ICMIC-X84128-1.8 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128-2.5 ICMIC-X84128-2.5 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128E ICMIC-X84128E Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128E-1.8 ICMIC-X84128E-1.8 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
More results

Similar Description - X84041SI

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
799-070 GLENAIR-799-070 Datasheet
1Mb / 7P
   Micro-Crimp connector saver
logo
IC MICROSYSTEMS
X84160 ICMIC-X84160 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
   Battery Saver
February 25, 2022
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
   BATTERY SAVER
logo
Glenair, Inc.
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
   Connector Saver
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
   Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
   Connector Saver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com