Part Name
         Description
SS62951-33CSTB

 150mA/ 300mA Low Dropout Linear Regulatror ( 10 Page)


SSC
100% 
Zoom Out Zoom In
 
 8 page
background image
www.SiliconStandard.com
8 of 10
SS62951/D

/ 0,  ,/   )!µ&/ ,
0/)1 !

(06)/),  1 )  #
/6 -6 !1-)
/  9 6 #/6/#! ##//8/ 
6  #/6/#)  6/##  !!!
6)/)!()0/ 6 #/6/#8
,,0'4'/ #0($/
0&*/!.0)/  9 #/6/#0
'4' # ($ /)   8 # 0 #/
6/#/)/) #0 #8/0/)
,,,#0&*/)&/ ! !.0
)/   9  6  #/6/#8 )/) , , 
1, , #0 /  :









=× +
+
×



µ


6


















µ




  !"

.0/)0/ !,6 
 #/)0#1 ,</1/ ),8/
 - ! (0 // ,##  #
,µ,)  //!%Ω
0 6   3! 5)/   !%Ω )/)  38
0 1/ ) , /   #- , )  + )0/ /
 6 ! & 1 ,, ,-8 ,0)/ 
3@EΩ #,) 0/)   !A+  0
/,   - /, )/  0 )/)   
/ ,µ!

" # 
,  /, /)/ -1 #6  )
#,0/)) 0!
0#/)#,0  1 #/#01-/
, )/ 0)/70,  ,/!08
/), 1#,#1-1- ))/ 0
)/)/0#1 ,<#/6/#/0 ) ,  ,/
8 )/, 0 ,  ,/ 6/#)   #/,
 0   #1 ,<! (0 )/7  0/) ,  ,/
, 1, , #0 :
   ≅ π939 
.03/)0)/)0#1 ,<#/
6/# #/)0D,- 160/,00
/, )##1 ,</)1, ,/6!(0
#,/0/) 0/ 0D,-/ 
1/ 0 /0)/))/
0 #1 ,< #/6/#8 33F3 !  # 
 / /    ) 1/ /- 0 )/   /)
#,/  1- )) ,  ,/8 / /  ) 1 ,)
) -/, )0)/70/ ,  ,/
1-0)  /


Rev.2.01 6/26/2003



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl