Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X68C75JM Datasheet(PDF) 7 Page - Xicor Inc.

Part # X68C75JM
Description  Port Expander and E2 Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X68C75JM Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X68C75JM Datasheet HTML 3Page - Xicor Inc. X68C75JM Datasheet HTML 4Page - Xicor Inc. X68C75JM Datasheet HTML 5Page - Xicor Inc. X68C75JM Datasheet HTML 6Page - Xicor Inc. X68C75JM Datasheet HTML 7Page - Xicor Inc. X68C75JM Datasheet HTML 8Page - Xicor Inc. X68C75JM Datasheet HTML 9Page - Xicor Inc. X68C75JM Datasheet HTML 10Page - Xicor Inc. X68C75JM Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
X68C75 SLIC® E2
Figure 7. On-Chip Registers
2899 ILL F07.3C
76543210
0400
0
LAM
0
RST
A15
A14
A13
EEM*
E2 Memory Map Register
MSB
LSB
0408
PDRB
Port Data Register B
MSB
LSB
0410
PDRA
Port Data Register A
INT
INTA
INTB
ENA
ENB
ENEE
0
EOW
0418
ISR
Interrupt Status Register
IRST
1
AWO
BWO
DIRA
DIRB
STRA STRB
0420
CR
Configuration Register
MSB
LSB
0428
PPRB
Port Pin Register B
MSB
LSB
MSB
LSB
MSB
LSB
0430
PPRA
Port Pin Register A
NOTE: * The value returned by reading these registers is the complement
of the actual data. These registers are nonvolatile and a special SDP
sequence is used to alter their contents. All the other registers are
initialized by a valid reset input signal and when the device is power cycled.
0438
Special Function Register
Memory Map Register
1
0
A15
A14
A13
A12
A11
A10
SFRM*
0600
060F
16 Bytes General Purpose SRAM


Similar Part No. - X68C75JM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
X68C NSC-X68C Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Xicor Inc.
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68C64P XICOR-X68C64P Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68C64PI XICOR-X68C64PI Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68C64PM XICOR-X68C64PM Datasheet
62Kb / 12P
   E2 Micro-Peripheral
More results

Similar Description - X68C75JM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C75 XICOR-X88C75 Datasheet
125Kb / 27P
   Port Expander and E2 Memory
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
   INPUT/OUTPUT PORT EXPANDER
logo
Maxim Integrated Produc...
DS4550 MAXIM-DS4550 Datasheet
930Kb / 19P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
19-8356; Rev 1; 7/17
logo
Dallas Semiconductor
DS4550 DALLAS-DS4550 Datasheet
650Kb / 18P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
logo
Maxim Integrated Produc...
MAX7319 MAXIM-MAX7319_V01 Datasheet
937Kb / 15P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
19-3809; Rev 2; 5/14
MAX7319 MAXIM-MAX7319 Datasheet
251Kb / 16P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
Rev 1; 10/05
logo
STMicroelectronics
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
   6/3 X 8 PORT EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com