Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE440 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # P4KE440
Description  GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

P4KE440 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  P4KE440 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. P4KE440 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. P4KE440 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. P4KE440 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P4KE6.8 THRU P4KE440CA
GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage:6.8-440 Volts
Peak Pulse Power:400 Watts
Case: JEDEC DO-41 molded plastic body over
passivated junction
Terminals: Plated axial leads, solderable per MIL-STD 750,
method 2026
Polarity: Color band denotes cathode except for
bidirectional types
Mounting Position: Any
Weight: 0.012 ounce,0.33 grams
FEATURE
MECHANICAL DATA
Dimensions in inches and (millimeters)
400w peak pulse power capability
Excellent clamping capability
Low incremental surge resistance
Fast response time:typically less than 1.0ps from 0v to
VBR for unidirectional and 5.0ns ror bidirectional types.
High temperature soldering guaranteed:
265 C/10S/9.5mm lead length at 5 lbs tension
DO-41
0.107 (2.7)
0.080 (2.0)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.
0.205 (5.2)
0.166(4.1)
1.0(25.4)
MIN.
1.0 (25.4)
MIN.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
C
Peak power dissipation
(Note 1)
Peak pulse reverse current
(Note 1, Fig.3)
Steady state power dissapation (Note 2)
Peak forward surge current
(Note 3)
Maximum instantaneous forward voltage at 25A
for unidirectional only
(Note 4)
Operating junction and storage temperature range
PPPM
IPPM
PM(AV)
IFSM
TSTG,TJ
3.5/6.5
SYMBOLS
UNITS
VALUE
Minimum 400
See Table 1
1.0
40
-55 to + 175
VF
Watts
Amps
Watts
Amps
Volts
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use suffix C or CA for types P4KE6.8 thru P4KE440 (e.g. P4KE6.8CA,P4KE440CA)
Electrical characteristics apply in both directions.
1.10/1000ms waveform non-repetitive current pulse,per Fig.3 and derated above Ta=25 C per Fig.2
2.TL=75 C,lead lengths 9.5mm,Mounted on copper pad atea of (40x40mm)Fig.5
3.Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
4.VF=3.5V max.for devices of V(BR)<200V,and VF=6.5V max.for devices of V(BR)>200V
Notes:
www.shunyegroup.com


Similar Part No. - P4KE440

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE440 PANJIT-P4KE440 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Socay Electornics Co., ...
P4KE440 SOCAY-P4KE440 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Taiwan Semiconductor Co...
P4KE440 TSC-P4KE440 Datasheet
95Kb / 4P
   Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
P4KE440 ETC2-P4KE440 Datasheet
328Kb / 4P
   Transient Voltage Suppressor
logo
CHENG-YI ELECTRONIC CO....
P4KE440 CHENG-YI-P4KE440 Datasheet
126Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE440

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SA5.0 SHUNYE-SA5.0 Datasheet
659Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE SHUNYE-P4KE Datasheet
877Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 SHUNYE-P4KE6.8 Datasheet
661Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE SHUNYE-P6KE Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8_V01 Datasheet
558Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 CHENDA-P4KE6.8_V02 Datasheet
602Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0A CHENDA-SA5.0A_V01 Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
SA5.0 SY-SA5.0 Datasheet
660Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
SA5.0 CHENDA-SA5.0 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 CHENDA-1.5KE6.8_V01 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com