Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM03N70GJ Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM03N70GJ
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM03N70GJ Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM03N70GJ Datasheet HTML 1Page - Silicon Standard Corp. SSM03N70GJ Datasheet HTML 2Page - Silicon Standard Corp. SSM03N70GJ Datasheet HTML 3Page - Silicon Standard Corp. SSM03N70GJ Datasheet HTML 4Page - Silicon Standard Corp. SSM03N70GJ Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N-CHANNEL ENHANCEMENT MODE
POWER MOSFET
09/06/2007 Rev.1.00
www.SiliconStandard.com
1
SSM03N70GH/GJ
PRODUCT SUMMARY
Repetitive Avalanche Rated
Fast Switching Speed
Simple Drive Requirement
DESCRIPTION
The TO-252 package is universally preferred for all commercial-
Industrial surface mount applications and suited for AC/DC converters.
The through-hole version (SSM03N70GH/GJ) is available for low-profile
applications.
ABSOLUTE MAXIMUM RATINGS
BVDSS
600V
RDS(ON)
3.6Ω
ID
3.3A
G
D
S
G D
S
TO-252(H)
G
D S
TO-251(J)
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
1
A
PD@TC=25℃
Total Power Dissipation
W
W/℃
EAS
Single Pulse Avalanche Energy
2
mJ
IAR
Avalanche Current
A
EAR
Repetitive Avalanche Energy
mJ
TSTG
TJ
Operating Junction Temperature Range
THERMAL DATA
Symbol
Value
Units
Rthj-c
Thermal Resistance Junction-case
Max.
2.8
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
110
℃/W
Parameter
3.3
Parameter
-55 to 150
85
±30
3.3
Storage Temperature Range
Linear Derating Factor
-55 to 150
0.36
45
13.2
RoHS-compliant


Similar Part No. - SSM03N70GJ

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM03N70GP-H SSC-SSM03N70GP-H Datasheet
576Kb / 5P
   N-channel Enhancement-mode Power MOSFET
More results

Similar Description - SSM03N70GJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com