Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F640W Datasheet(PDF) 11 Page - Xicor Inc.

Part # X76F640W
Description  Secure SerialFlash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F640W Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X76F640W Datasheet HTML 7Page - Xicor Inc. X76F640W Datasheet HTML 8Page - Xicor Inc. X76F640W Datasheet HTML 9Page - Xicor Inc. X76F640W Datasheet HTML 10Page - Xicor Inc. X76F640W Datasheet HTML 11Page - Xicor Inc. X76F640W Datasheet HTML 12Page - Xicor Inc. X76F640W Datasheet HTML 13Page - Xicor Inc. X76F640W Datasheet HTML 14Page - Xicor Inc. X76F640W Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
X76F640
11
AC CHARACTERISTICS
AC Specifications (Over the recommended operating conditions)
Notes: 1.
Typical values are for TA = 25˚C and VCC = 5.0V
Notes: 2.
Cb = Total Capacitance of one bus line in pf.
Symbol
Parameter
Min
Typ(1)
Max
Units
fSCL
SCL Clock Frequency
0
400
KHz
tIN
(1)
Pulse width of spikes which must be suppressed by
the input filter
50
100
ns
tAA
SCL LOW to SDA Data Out Valid
0.1
0.3
0.9
µs
tBUF
Time the bus must be free before a new transmit
can start
1.3
µs
tLOW
Clock LOW Time
1.3
µs
tHIGH
Clock HIGH Time
0.6
µs
tSU:STA
Start Condition Setup Time
0.6
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tSU:DAT
Data In Setup Time
100
ns
tHD:DAT
Data In Hold Time
0
µs
tSU:STO
Stop Condition Setup Time
0.6
µs
tDH
Data Output Hold Time
50
300
ns
tR
SDA and SCL Rise Time
20 + 0.1 x Cb
(2)
300
ns
tF
SDA and SCL Fall Time
20 + 0.1 x Cb
(2)
300
ns
tSU:CS
CS Setup Time
200
ns
tHD:CS
CS Hold Time
100
ns
fSCL_RST
SCL Clock Frequency during Response to Reset
400
kHz
tSR
Device Select to RST active
200
ns
tNOL
RST to SCL Non-Overlap
500
ns
tRST
RST High Time
2.25
µs
tSU:RST
Response to Reset Setup Time
1.25
µs
tLOW_RST
Clock LOW during Response to Reset
1.25
µs
tHIGH_RST
Clock HIGH during Response to Reset
1.25
µs
tRDV
RST LOW to SDA Valid During Response to Reset
0
500
ns
tCDV
CLK LOW to SDA Valid During Response to Reset
0
500
ns
tDHZ
Device Deselect to SDA high impedance
0
500
ns
7025 FM T14


Similar Part No. - X76F640W

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F640W ICMIC-X76F640W Datasheet
350Kb / 17P
   Secure Serial Flash
X76F640W-2.7 ICMIC-X76F640W-2.7 Datasheet
350Kb / 17P
   Secure Serial Flash
X76F640WE ICMIC-X76F640WE Datasheet
350Kb / 17P
   Secure Serial Flash
X76F640WE-2.7 ICMIC-X76F640WE-2.7 Datasheet
350Kb / 17P
   Secure Serial Flash
X76F640WEG ICMIC-X76F640WEG Datasheet
350Kb / 17P
   Secure Serial Flash
More results

Similar Description - X76F640W

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com