Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8218 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8218
Description  Ultra160 Multi-mode LVD/SE SCSI Terminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8218 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8218 Datasheet HTML 1Page - Silicon Standard Corp. SS8218 Datasheet HTML 2Page - Silicon Standard Corp. SS8218 Datasheet HTML 3Page - Silicon Standard Corp. SS8218 Datasheet HTML 4Page - Silicon Standard Corp. SS8218 Datasheet HTML 5Page - Silicon Standard Corp. SS8218 Datasheet HTML 6Page - Silicon Standard Corp. SS8218 Datasheet HTML 7Page - Silicon Standard Corp. SS8218 Datasheet HTML 8Page - Silicon Standard Corp. SS8218 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.SiliconStandard.com
2 of 11
SS8218
Rev.2.01 6/06/2003
Ordering Information
PART NUMBER
TEMP. RANGE
PIN-PACKAGE
FEATURE
SS8218-S4TB
0ºC-70ºC
SSOP-28 pin / Tube
DISCNCT does not disable VREF
SS8218-S4TR
0ºC-70ºC
SSOP-28 pin / Tape & Reel
DISCNCT does not disable VREF
SS8218-S5TB
0ºC-70ºC
SSOP-36 pin / Tube
DISCNCT does not disable VREF
SS8218-S5TR
0ºC-70ºC
SSOP-36 pin / Tape & Reel
DISCNCT does not disable VREF
SS8218-D3TB
0ºC-70ºC
TSSOP-28 pin / Tube
DISCNCT does not disable VREF
SS8218-D3TR
0ºC-70ºC
TSSOP-28 pin / Tape & Reel
DISCNCT does not disable VREF
Note:
DIFFSENS
Refers to the SCSI bus signal.
DIFFSENSE
Refers to the SS8218 pin name and internal circuitry relating to differential sensing.
DIFFB
Refers to the SS8218 pin name and internal circuitry relating to monitoring the DIFFSENS line.
Functional Description
The SS8218 is used in multi-mode active termination
applications, where single ended (SE) and low voltage
differential (LVD) devices might coexist. The LVD ter-
mination section consists of 18 source/sink amplifiers
(VTOP, VBOT), biasing circuitry and nine precision
resistor strings (RTOP, RMID, RBOT). The SE termi-
nation section consists of a 2.85V source/sink regula-
tor with 9 precision 110ohm resistor. The DIFFSENSE
section consists of a 1.3V, 5mA driver and a sensing
circuit (Figure 1)
DIFFSENS is used to identify which types of SCSI
devices are present on the bus. If the voltage on
DIFFSENS is between 0-0.5V the bus is single-ended;
if it is between 0.7-1.9V the bus is LVD; and if it is
greater than 2.4V, the bus is HVD.
The SS8218 DIFFB pin monitors the DIFFSENS line to
determine the proper operating mode of the device;
this mode is indicated by the SE/LVD/HVD outputs.
HVD Isolation Mode The SS8218 identifies that there
is an HVD (high voltage differential) device on the
SCSI bus and isolates the termination pins from the
bus.
When DISCNCT is pulled high, the termination pins
are isolated from the SCSI bus, and the bus mode
indicators (SE/LVD/HVD) as well as VREF remains
active. During thermal shutdown, the termination pins
are isolated from the SCSI bus and VREF becomes
high impedance. The DIFFSENSE driver is shut down
during either of these two events.
To ensure proper operation, the TPWR pin should be
connected to the SCSI bus TERMPWR line. As with all
analog circuitry, the TERMPWR lines should be by-
passed locally. A 2.2µF capacitor and a 0.01µF high
frequency capacitor is recommended between TPWR
and ground and placed as close as possible to the
SS8218. The 8218 should be placed as close as
possible to the SCSI connector to minimize signal and
power trace length, thereby resulting in less input ca-
pacitance and reflections which can degrade the bus
signals.
The DIFFSENSE pin can drive the SCSI DIFFSENS
line (when M/S is pulled high) to determine the SCSI
bus operating mode. The SS8218 switches to the ter-
mination mode that is appropriate for the bus based on
the value of the DIFFSENS voltage. These modes are:
LVD mode LVD termination is provided by a precision
resistor string with two amplifiers. This configuration
yields a 105
Ω differential and 150Ω common mode
impedance. A fail safe bias of 112mV is maintained
when no drivers are connected to the SCSI bus.
SE mode When the external driver for a given signal
line turns off, the active terminator will pull that signal
line to 2.85 volts (quiescent state). When used with an
active negation driver, the power amp can sink 22mA
per line while keeping the voltage reference in regula-
tion. The terminating resistors maintain their 110
value.
To maintain the specified regulation, a 4.7µF capacitor
is required between the VREF pin and ground of each
SS8218. A high frequency cap (0.1µF ceramic recom-
mended) can also be placed on the VREF pin in ap-
plications that use fast rise/fall time drivers. A typical
SCSI bus configuration is shown in Figure2.
An internal pull down resistor assures that the SS8218
will be terminating the bus if the DISCNCT pin is left
floating.


Similar Part No. - SS8218

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
SS8219GDTR SSC-SS8219GDTR Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
SS8219GSTR SSC-SS8219GSTR Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
More results

Similar Description - SS8218

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G218B GMT-G218B Datasheet
188Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
S136-000 ETC2-S136-000 Datasheet
453Kb / 1P
   SCSI/Fibre Channel - SCSI Ultra160 LVD/SE Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
   Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com