Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X84041P Datasheet(PDF) 8 Page - Xicor Inc.

Part # X84041P
Description  Micro Port Saver E2PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84041P Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X84041P Datasheet HTML 4Page - Xicor Inc. X84041P Datasheet HTML 5Page - Xicor Inc. X84041P Datasheet HTML 6Page - Xicor Inc. X84041P Datasheet HTML 7Page - Xicor Inc. X84041P Datasheet HTML 8Page - Xicor Inc. X84041P Datasheet HTML 9Page - Xicor Inc. X84041P Datasheet HTML 10Page - Xicor Inc. X84041P Datasheet HTML 11Page - Xicor Inc. X84041P Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
X84041
8
Read Cycle
CE
WE
tWES
OE
2704 ILL F06
tHIGH
tCE
tOE
tOLZ
tOH
tWEH
HIGH Z
DATA
tOHZ
tHZ
tLZ
tLOW
tRC
I/O
Write Cycle Limits – X84041
VCC = 5V ±10%
VCC = 3V ±10%
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tNVWC(5)
Nonvolatile Write Cycle Time
10
10
ms
tWC
Write Cycle Time
300
300
ns
tWP
WE Pulse Width
30
30
ns
tWPH
WE HIGH Recovery Time
200
200
ns
tCS
Write Setup Time
0
0
ns
tCH
Write Hold Time
0
0
ns
tCP
CE Pulse Width
30
30
ns
tCPH
CE HIGH Recovery Time
200
200
ns
tOES
OE HIGH Setup Time
50
50
ns
tOEH
OE HIGH Hold Time
50
50
ns
tDS(6)
Data Setup Time
30
30
ns
tDH(6)
Data Hold Time
5
5
ns
tWPCS(7)
WP HIGH Before CE
500
500
ns
tWPCH(7)
WP HIGH After CE
500
500
ns
tWPWS(7)
WP HIGH Before WE
500
500
ns
tWPWH(7)
WP HIGH After WE
500
500
ns
2704 PGM T10.3
Notes: (5) tNVWC is the time from the falling edge of OE or CE (whichever occurs last) of the second read cycle in the
“start nonvolatile write cycle” sequence until the self-timed, internal nonvolatile write cycle is completed.
(6) Data is latched into the X84041 on the rising edge of
CE or WE, whichever occurs first.
(7) Periodically sampled, but not 100% tested.


Similar Part No. - X84041P

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84128 ICMIC-X84128 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128-1.8 ICMIC-X84128-1.8 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128-2.5 ICMIC-X84128-2.5 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128E ICMIC-X84128E Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128E-1.8 ICMIC-X84128E-1.8 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
More results

Similar Description - X84041P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
799-070 GLENAIR-799-070 Datasheet
1Mb / 7P
   Micro-Crimp connector saver
logo
IC MICROSYSTEMS
X84160 ICMIC-X84160 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
   Battery Saver
February 25, 2022
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
   BATTERY SAVER
logo
Glenair, Inc.
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
   Connector Saver
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
   Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
   Connector Saver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com