Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25645S14I Datasheet(PDF) 5 Page - Xicor Inc.

Part # X25645S14I
Description  Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25645S14I Datasheet(HTML) 5 Page - Xicor Inc.

  X25645S14I Datasheet HTML 1Page - Xicor Inc. X25645S14I Datasheet HTML 2Page - Xicor Inc. X25645S14I Datasheet HTML 3Page - Xicor Inc. X25645S14I Datasheet HTML 4Page - Xicor Inc. X25645S14I Datasheet HTML 5Page - Xicor Inc. X25645S14I Datasheet HTML 6Page - Xicor Inc. X25645S14I Datasheet HTML 7Page - Xicor Inc. X25645S14I Datasheet HTML 8Page - Xicor Inc. X25645S14I Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
X25643/45
X25323/25
X25163/65
5
0
1
2
3
4
5
6
7
8
9
10
20 21 22 23 24 25
26 27 28 29 30
7
6
5
4
3
2
1
0
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
16 BIT ADDRESS
15 14 13
3
2
1
0
7036 FRM 03
For the Page Write Operation (byte or page write) to be
completed, CS can only be brought HIGH after bit 0 of the
last data byte to be written is clocked in. If it is brought
HIGH at any other time, the write operation will not be
completed (Figure 4).
To write to the Status Register, the WRSR instruction is
followed by the data to be written (Figure 5). Data bits 0
and 1 must be “0” .
While the write is in progress following a Status Register
or E2PROM Sequence, the Status Register may be read
to check the WIP bit. During this time the WIP bit will be
high.
RESET/RESET Operation
The RESET (X25xx3) output is designed to go LOW
whenever VCC has dropped below the minimum trip point
and/or the Watchdog timer has reached its programmable
time-out limit.
The RESET (X25xx5) output is designed to go HIGH
whenever VCC has dropped below the minimum trip point
and/or the watchdog timer has reached its programmable
time-out limit.
The RESET/RESET output is an open drain output and
requires a pull up resistor.
Operational Notes
The device powers-up in the following state:
• The device is in the low power standby state.
• A HIGH to LOW transition on CS is required to enter an
active state and receive an instruction.
• SO pin is high impedance.
• The Write Enable Latch is reset.
• The Flag Bit is reset.
• Reset Signal is active for tPURST.
Data Protection
The following circuitry has been included to prevent inad-
vertent writes:
• A WREN instruction must be issued to set the Write
Enable Latch.
• CS must come HIGH at the proper clock count in order
to start a nonvolatile write cycle.
Figure 1. Read E2PROM Array Sequence


Similar Part No. - X25645S14I

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
X2564 AMPHENOL-X2564 Datasheet
444Kb / 8P
   RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25642F ICMIC-X25642F Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25645S14I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25648 XICOR-X25648 Datasheet
73Kb / 16P
   V CC Supervisory Circuit w/Serial E 2 PROM
X25644 XICOR-X25644 Datasheet
76Kb / 15P
   Programmable Watchdog Timer w/Serial E 2 PROM
logo
Summit Microelectronics...
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
S4242 SUMMIT-S4242 Datasheet
102Kb / 16P
   Dual Voltage Supervisory Circuit With Watchdog Timer
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Xicor Inc.
X25043 XICOR-X25043 Datasheet
93Kb / 15P
   Programmable Watchdog Supervisory E2PROM
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com