Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8051T12TB Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8051T12TB
Description  Micro-Power Step-up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8051T12TB Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8051T12TB Datasheet HTML 1Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 2Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 3Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 4Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 5Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 6Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 7Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 8Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.SiliconStandard.com
3 of 4
SS8051
Rev.2.01 6/06/2003
TYPICAL PERFORMANCE CHARACTERISTICS
(V CC =+3.6V, V SHDN =+3.6V, L=10µH, TA=25°C, unless otherwise noted.)
Output Voltage vs. Input Voltage
19
19.5
20
20.5
21
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Efficiency vs. Load Current
50
55
60
65
70
75
80
85
90
0.1
1
10
100
Load Current (mA)
V
IN=2.7V
VIN=3.6V
VIN=4.2V
Quiescent Current vs. Temperature
10
20
30
40
50
-20
0
20
40
60
80
100
Temperature (C)
VIN=2.7V
V
IN=4.2V
Vds(on) vs. Temperature
100
200
300
400
500
-20
0
20
40
60
80
100
Temperature (C)
VIN=2.7V
V
IN=4.2V
Feedback Voltage vs. Temperature
1.18
1.19
1.2
1.21
1.22
-20
0
20
40
60
80
100
Temperature (C)
V
IN=2.7V
VIN=4.2V
Output Voltage vs. Load Current
19
19.5
20
20.5
21
1
2
3
4
5
6
7
8
9
10
Load Current (mA)
VIN=2.7V
VIN=4.2V
IOUT=1mA
IOUT=10mA


Similar Part No. - SS8051T12TB

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
SS8050 WINGS-SS8050 Datasheet
58Kb / 1P
   TRANSISTOR (NPN)
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
199Kb / 6P
   NPN Epitaxial Silicon Transistor
November 2014
logo
MAKO SEMICONDUCTOR CO.,...
SS8050 MAKOSEMI-SS8050 Datasheet
82Kb / 2P
   Complimentary to SS8550
logo
Microdiode Electronics ...
SS8050 CHENDA-SS8050 Datasheet
923Kb / 3P
   NPN Silicon Epitaxial Planar Transistors
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
   2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
More results

Similar Description - SS8051T12TB

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1309 AIMTRON-AT1309 Datasheet
287Kb / 14P
   Micro-Power Step up DC-DC Converter
logo
Global Mixed-mode Techn...
AT1308A GMT-AT1308A Datasheet
73Kb / 1P
   Micro-Power Step up DC-DC Converter
logo
Diodes Incorporated
AP3015 DIODES-AP3015 Datasheet
566Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
logo
ACE Technology Co., LTD...
ACE707A ACE-ACE707A Datasheet
194Kb / 9P
   Micro Power Step-up DC-DC Converter
VER 1.2
logo
Silicon Standard Corp.
SS8028 SSC-SS8028 Datasheet
154Kb / 9P
   Micro-Power Step-up DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3015 BCDSEMI-AP3015 Datasheet
202Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
   Preliminary Product Information Micro-Power Step up DC-DC Converter
logo
Leshan Radio Company
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
   Low Power DC-DC Step-Up Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com