Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8046TH1TB Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8046TH1TB
Description  3.3V 2A Low-Dropout Regulator with Disable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8046TH1TB Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8046TH1TB Datasheet HTML 1Page - Silicon Standard Corp. SS8046TH1TB Datasheet HTML 2Page - Silicon Standard Corp. SS8046TH1TB Datasheet HTML 3Page - Silicon Standard Corp. SS8046TH1TB Datasheet HTML 4Page - Silicon Standard Corp. SS8046TH1TB Datasheet HTML 5Page - Silicon Standard Corp. SS8046TH1TB Datasheet HTML 6Page - Silicon Standard Corp. SS8046TH1TB Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.SiliconStandard.com
2 of 7
Rev.2.01 6/06/2003
SS8046
Block Diagram
SHORT-CIRCUIT
PROTECTION
THERMAL
SHUTDOWN
BANDGAP
REFERENCE
3
GND
2 V
O
1
V
IN
R1
R2
1.25V
_
+
OUTPUT
ON/OFF
4
HIGH / LOW
Vdis
TTL COMPATIBLE BUFFER
SHORT-CIRCUIT
PROTECTION
THERMAL
SHUTDOWN
BANDGAP
REFERENCE
3
GND
2 V
O
1
V
IN
R1
R2
1.25V
_
+
_
+
OUTPUT
ON/OFF
4
HIGH / LOW
Vdis
TTL COMPATIBLE BUFFER
Absolute Maximum Ratings
(Note 1)
Input Voltage……………………….…….……………………………………………..…..8V
Vdis Voltage……………………………..……………………………………………...……8V
Power Dissipation Internally Limited
(Note 2)
Maximum Junction Temperature.…..…….………………………………………….…..150°C
Storage Temperature Range………………………………………………....................-65°C
≤ T
J
≤+150°C
Lead Temperature, Time for Wave Soldering
TO 220 Package…………….….……….………………………………………….……..260°C, 10s
Continuous Power Dissipation (TA = +25°C)
TO 220 No heatsink…………….…………….……………………………………....…..1.5W
TO 220 with infinite heatsink…………………..………………………………………….15W
Operating Conditions
(Note 1)
Input Voltage………………………………………………………………………….…..3.6V~7V
Temperature Range…………………………………………………….….…..….........-20°C
≤ T
A
≤85°C


Similar Part No. - SS8046TH1TB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
   3.3V 600mA Low Dropout Regulator
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
SS8047GT31TB SSC-SS8047GT31TB Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
SS8047GT31TR SSC-SS8047GT31TR Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
SS8047GT32TB SSC-SS8047GT32TB Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
More results

Similar Description - SS8046TH1TB

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9233 GMT-G9233 Datasheet
297Kb / 8P
   3.3V 2A LOW DROPOUT REGULATOR WITH DISABLE
G9205 GMT-G9205 Datasheet
257Kb / 8P
   5V 2A Low Dropout Regulator with Disable
G9225 GMT-G9225 Datasheet
227Kb / 7P
   2.5V 2A Low Dropout Regulator with Disable
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
logo
Taiwan Semiconductor Co...
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278R00 TSC-TS278R00 Datasheet
179Kb / 4P
   2A Ultra Low Dropout Voltage Regulator w/Disable
logo
Global Mixed-mode Techn...
G9125 GMT-G9125 Datasheet
234Kb / 9P
   2.5V 1A Low Dropout Regulator with Disable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com