Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64K-50 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X28HC64K-50
Description  5 Volt, Byte Alterable E2PROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HC64K-50 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X28HC64K-50 Datasheet HTML 5Page - Xicor Inc. X28HC64K-50 Datasheet HTML 6Page - Xicor Inc. X28HC64K-50 Datasheet HTML 7Page - Xicor Inc. X28HC64K-50 Datasheet HTML 8Page - Xicor Inc. X28HC64K-50 Datasheet HTML 9Page - Xicor Inc. X28HC64K-50 Datasheet HTML 10Page - Xicor Inc. X28HC64K-50 Datasheet HTML 11Page - Xicor Inc. X28HC64K-50 Datasheet HTML 12Page - Xicor Inc. X28HC64K-50 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
X28HC64
9
SYSTEM CONSIDERATIONS
Because the X28HC64 is frequently used in large memory
arrays, it is provided with a two line control architecture
for both read and write operations. Proper usage can
provide the lowest possible power dissipation and elimi-
nate the possibility of contention where multiple I/O pins
share the same bus.
To gain the most benefit it is recommended that
CE be
decoded from the address bus and be used as the
primary device selection input. Both
OE and WE would
then be common among all devices in the array. For a
read operation, this assures that all deselected devices
are in their standby mode and that only the selected
device(s) is outputting data on the bus.
Because the X28HC64 has two power modes, standby
and active, proper decoupling of the memory array is of
prime concern. Enabling
CE will cause transient current
spikes. The magnitude of these spikes is dependent on
the output capacitive loading of the I/Os. Therefore, the
larger the array sharing a common bus, the larger the
transient spikes. The voltage peaks associated with the
current transients can be suppressed by the proper
selection and placement of decoupling capacitors. As a
minimum, it is recommended that a 0.1
µF high fre-
quency ceramic capacitor be used between VCC and
VSS at each device. Depending on the size of the array,
the value of the capacitor may have to be larger.
In addition, it is recommended that a 4.7
µF electrolytic
bulk capacitor be placed between VCC and VSS for each
eight devices employed in the array. This bulk capacitor
is employed to overcome the voltage droop caused by
the inductive effects of the PC board traces.
Normalized ICC(RD) by Temperature
Over Frequency
Normalized ICC(RD) @ 25% Over
the VCC Range and Frequency
1.4
1.2
0.8
0.4
0.6
0.2
1.0
010
20
- 55
°C
+ 25
°C
FREQUENCY (MHz)
3857 FHD F20.1
+ 125
°C
5.5 VCC
1.4
1.2
0.8
0.4
0.6
0.2
1.0
010
20
FREQUENCY (MHz)
3857 FHD F21.1
4.5 VCC
5.0 VCC
5.5 VCC


Similar Part No. - X28HC64K-50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC64KI-12 INTERSIL-X28HC64KI-12 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64KI-70 INTERSIL-X28HC64KI-70 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64KI-90 INTERSIL-X28HC64KI-90 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64KM-12 INTERSIL-X28HC64KM-12 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64KM-70 INTERSIL-X28HC64KM-70 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC64K-50

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com