Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8018 Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS8018
Description  짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8018 Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS8018 Datasheet HTML 6Page - Silicon Standard Corp. SS8018 Datasheet HTML 7Page - Silicon Standard Corp. SS8018 Datasheet HTML 8Page - Silicon Standard Corp. SS8018 Datasheet HTML 9Page - Silicon Standard Corp. SS8018 Datasheet HTML 10Page - Silicon Standard Corp. SS8018 Datasheet HTML 11Page - Silicon Standard Corp. SS8018 Datasheet HTML 12Page - Silicon Standard Corp. SS8018 Datasheet HTML 13Page - Silicon Standard Corp. SS8018 Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.SiliconStandard.com
11 of 14
SS8018
Table 6. Configuration-Byte Bit Assignments
BIT
NAME
POR STATE
FUNCTION
7 (MSB)
MASK
0
Masks all ALERT interrupts when high.
6
RUN /
STOP
0
Standby mode control bit. If high, the device immediately stops converting and en-
ters standby mode. If low, the device converts in either one-shot or timer mode.
5-0
RFU
0
Reserved for future use
Table 7. Status-Byte Bit Assignments
BIT
NAME
FUNCTION
7 (MSB)
BUSY
A high indicates that the ADC is busy converting.
6
LHIGH*
A high indicates that the local high-temperature alarm has activated.
5
LLOW*
A high indicates that the local low-temperature alarm has activated.
4
RHIGH*
A high indicates that the remote high-temperature alarm has activated.
3
RLOW*
A high indicates that the remote low-temperature alarm has activated.
2
OPEN*
A high indicates a remote-diode continuity (open-circuit) fault.
1
RTHRM
A high indicates a remote temperature THERM alarm has activated.
0 (LSB)
LTHRM
A high indicates a local temperature THERM alarm has activated.
*These flags stay high until cleared by POR, or until the status byte register is read.
Table 8. Conversion-Rate Control Byte
DATA
CONVERSION RATE (Hz)
00h
0.0625
01h
0.125
02h
0.25
03h
0.5
04h
1
05h
2
06h
4
07h
8
08h
16
09h to FFh
RFU
To check for internal bus collisions, read the status byte.
If the least significant seven bits are ones, discard the
data and read the status byte again. The status bits
LHIGH, LLOW, RHIGH, and RLOW are refreshed on the
SMBus clock edge immediately following the stop condi-
tion, so there is no danger of losing temperature-related
status data as a result of an internal bus collision. The
OPEN status bit (diode continuity fault) is only refreshed
at the beginning of a conversion, so OPEN data is lost.
The ALERT interrupt latch is independent of the status
byte register, so no false alerts are generated by an in-
ternal bus collision.
When auto-converting, if the THIGH and TLOW limits
are close together, it’s possible for both high-temp and
low-temp status bits to be set, depending on the amount
of time between status read operations (especially when
converting at the fastest rate). In these circumstances,
it’s best not to rely on the status bits to indicate reversals
in long-term temperature changes and instead use a
current temperature reading to establish the trend direc-
tion.
For bit 1 and bit 0, a high indicates a temperature alarm
happened for remote and local diode respectively. The
THERM
pin also asserts. These two bits wouldn’t be
cleared when reading status byte.
Conversion Rate Byte
The conversion rate register (Table 8) programs the time
interval
between
conversions
in
free-running
auto-convert mode. This variable rate control reduces
the supply current in portable-equipment applications.
The conversion rate byte’s POR state is 08h (16Hz).
The SS8018 looks only at the 4 LSB bits of this register,
so the upper 4 bits are “don’t care” bits, which should be
set to zero. The conversion rate tolerance is
±25% at
any rate setting.
Valid A/D conversion results for both channels are
available one total conversion time (125ms,typical) after
initiating a conversion, whether conversion is initiated
via the RUN /STOP bit, one-shot command, or initial
power-up.
Rev.2.01 6/06/2003


Similar Part No. - SS8018

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
SS8012GTR SSC-SS8012GTR Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-15GTR SSC-SS8014-15GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-18GTR SSC-SS8014-18GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
More results

Similar Description - SS8018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com