Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS7646TR Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS7646TR
Description  Touch Screen Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7646TR Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS7646TR Datasheet HTML 5Page - Silicon Standard Corp. SS7646TR Datasheet HTML 6Page - Silicon Standard Corp. SS7646TR Datasheet HTML 7Page - Silicon Standard Corp. SS7646TR Datasheet HTML 8Page - Silicon Standard Corp. SS7646TR Datasheet HTML 9Page - Silicon Standard Corp. SS7646TR Datasheet HTML 10Page - Silicon Standard Corp. SS7646TR Datasheet HTML 11Page - Silicon Standard Corp. SS7646TR Datasheet HTML 12Page - Silicon Standard Corp. SS7646TR Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.SiliconStandard.com
4 of 5
SS7646
8/21/2004 Rev.2.01
Reference Input
The voltage difference between +REF and –REF
(shown VREF in Figure 5), in the range of 1V to + VDD,
sets the Analog-to-Digital converter (ADC) input
range. The full-scale analog input range of
the
SS7646 is therefore from 0 to V REF.
Typically the reference input is an external precise
voltage source VREF (MODE0=1, see Table IV) for
touch screen and auxiliary inputs measurement.
Figure 6 shows the configuration for a Y coordinate
measurement with MODE0=1. When utilizing the
panel measurement, the VREF must equal VDD as input
range is from 0 to VDD. If the reference input is from
the power supply directly, as Figure 12 shows for
example, special care must be taken to avoid noise
from the power supply.
When making touch screen measurements only, the
reference input can be set from VDD directly
(MODE0=0) and discard the VREF input. Figure 7
shows the configuration for a Y coordinate
measurement with MODE0=0.
Examples of DIN Configuration
Table VI shows DIN configurations for specified
applications.
ADC
VREF
A2A1A0
(Shown 101)
+REF
-REF
MODE0 = 1
IN
X+
VDD
GND
Y-
Y+
VDD
GND
Internal 2.5V
Reference
Figure 6. Touch
Screen Measurement with MODE0=1
ADC
VREF
A2A1A0
(Shown 101)
+REF
-REF
MODE0 = 0
IN
X+
VDD
GND
Y-
Y+
VDD
GND
Internal 2.5V
Reference
Figure 7. Touch
Screen Measurement with MODE0=0
Measurement
S
A2 A1 A0 MODE1 MODE0 PD1 PD0
+REF
X SWITCHES
Y SWITCHES
Touch Screen
Y-Position (X+)
1
0
0
1
0
0 / 1
0
0
VDD / VREF
OFF
ON
X-Position (Y+)
1
1
0
1
0
0 / 1
0
0
VDD / VREF
ON
OFF
Z1-Position (X+) 1
0
1
1
0
0 / 1
0
0
VDD / VREF
X+ OFF, X- ON Y+ ON , Y- OFF
Z2-Position (Y -) 1
1
0
0
0
0 / 1
0
0
VDD / VREF
X+ OFF, X- ON Y+ ON , Y- OFF
Battery
VBAT
1
0
1
0
0
1
1
1
VREF
OFF
OFF
-
1
0
1
0
*
0
*
*
Invalid Configuration
Auxiliary In.
VIN
1
1
1
0
0
1
1
1
VREF
OFF
OFF
-
1
1
1
0
*
0
*
*
Invalid Configuration
Temperature
TEMP1
1
1
1
1
0
1
1
1
VREF
OFF
OFF
TEMP0
1
0
0
0
0
1
1
1
VREF
OFF
OFF
-
1
1
1
1
*
0
*
*
Invalid Configuration
-
1
0
0
0
*
0
*
*
Invalid Configuration
Table VI
. Examples of DIN Configuration


Similar Part No. - SS7646TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS7619-15 ETC2-SS7619-15 Datasheet
464Kb / 4P
   Tripp Lite Power Strip with Surge Suppression - Multiple outlets wherever you need them
More results

Similar Description - SS7646TR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com