Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6896CGBG Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6896CGBG
Description  1.4MHz Current-Mode Step-Up DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6896CGBG Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6896CGBG Datasheet HTML 1Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 2Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 3Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 4Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 5Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 6Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 7Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 8Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.SiliconStandard.com
3 of 12
Rev.2.01 6/06/2003
SS6896
Electrical Characteristics (VIN=VSHDN =3V, FB=GND, SS=Open, T A= -40°C to 85°C,
unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Range
VIN
2.5
10
V
Output Voltage Adjust Range
VOUT
30
V
VIN Undervoltage Lockout
UVLO
VIN rising, 50mV hysteresis
2.2
V
VFB = 1.3V, not switching
0.1
0.2
Quiescent Current
IIN
VFB = 1.0V, switching
1
5
mA
V SHDN = 0, TA = +25°C
0.01
0.5
µA
Shutdown Supply Current
V SHDN = 0
0.01
10
µA
ERROR AMPLIFIER
Feedback Regulation Set Point
VFB
1.205
1.23
1.255
V
FB Input Bias Current
IFB
VFB = 1.24V
21
80
nA
Line Regulation
2.6V < VIN < 5.5V
0.05
0.20
%/V
OSCILLATOR
Frequency
fOSC
1000
1400
1800
KHz
Maximum Duty Cycle
DC
82
86
%
POWER SWITCH
Steady State Output Current
Io
Refer to Fig. 18
A
On-Resistance
RDS(ON)
1
1.4
VLX = 12V, TA = +25°C
0.1
1
Leakage Current
ILX(OFF)
VLX = 12V
10
µA
SOFT-START
Reset Switch Resistance
100
Charge Current
VSS = 1.2V
1.5
4
7.0
µA
CONTROL INPUT
Input Low Voltage
VIL
V SHDN , VIN = 2.5V to 10V
0.3
V
Input High Voltage
VIH
V SHDN , VIN = 2.5V to 10V
1.0
V
V SHDN = 3V
25
50
SHDN Input Current
I SHDN
V SHDN = 0
0.01
0.1
µA


Similar Part No. - SS6896CGBG

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS68 FRONTIER-SS68 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS68 ASEMI-SS68 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS68-LFR FRONTIER-SS68-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802AGSTB SSC-SS6802AGSTB Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results

Similar Description - SS6896CGBG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
logo
Linear Technology
LT1618 LINER-LT1618_1 Datasheet
210Kb / 16P
   Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com