Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HT512 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X28HT512
Description  High Temperature, 5 Volt, Byte Alterable E2PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HT512 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X28HT512 Datasheet HTML 5Page - Xicor Inc. X28HT512 Datasheet HTML 6Page - Xicor Inc. X28HT512 Datasheet HTML 7Page - Xicor Inc. X28HT512 Datasheet HTML 8Page - Xicor Inc. X28HT512 Datasheet HTML 9Page - Xicor Inc. X28HT512 Datasheet HTML 10Page - Xicor Inc. X28HT512 Datasheet HTML 11Page - Xicor Inc. X28HT512 Datasheet HTML 12Page - Xicor Inc. X28HT512 Datasheet HTML 13Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
X28HT512
9
PACKAGING INFORMATION
0.620 (15.75)
0.590 (14.99)
TYP. 0.614 (15.60)
0.110 (2.79)
0.090 (2.29)
TYP. 0.018 (0.46)
1.690 (42.95)
MAX.
0.023 (0.58)
0.014 (0.36)
TYP. 0.018 (0.46)
0.232 (5.90) MAX.
0.060 (1.52)
0.015 (0.38)
3926 FHD F09
PIN 1
0.200 (5.08)
0.125 (3.18)
0.065 (1.65)
0.033 (0.84)
TYP. 0.055 (1.40)
0.610 (15.49)
0.500 (12.70)
0.100 (2.54) MAX.
0
°
15
°
32-LEAD HERMETIC DUAL IN-LINE PACKAGE TYPE D
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.005 (0.13) MIN.
0.150 (3.81) MIN.
0.015 (0.38)
0.008 (0.20)
SEATING
PLANE


Similar Part No. - X28HT512

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HT010 XICOR-X28HT010 Datasheet
68Kb / 13P
   High Temperature, 5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HT010 INTERSIL-X28HT010 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28HT010 RENESAS-X28HT010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
logo
Xicor Inc.
X28HT010D-20 XICOR-X28HT010D-20 Datasheet
68Kb / 13P
   High Temperature, 5 Volt, Byte Alterable E2PROM
X28HT010D-25 XICOR-X28HT010D-25 Datasheet
68Kb / 13P
   High Temperature, 5 Volt, Byte Alterable E2PROM
More results

Similar Description - X28HT512

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HT010 XICOR-X28HT010 Datasheet
68Kb / 13P
   High Temperature, 5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com