Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6729-3020CSTB Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6729-3020CSTB
Description  400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6729-3020CSTB Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6729-3020CSTB Datasheet HTML 1Page - Silicon Standard Corp. SS6729-3020CSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6729-3020CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6729-3020CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6729-3020CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6729-3020CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6729-3020CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6729-3020CSTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.SiliconStandard.com
1 of 8
SS6729
400mA Low-dropout Linear Voltage Regulator
with Voltage Detector Function
FEATURES
Including MOSFET for VOUT1, LDO for VOUT2,
voltage detector and shutdown control
Low dropout voltage of 550mV (typ.) at 400mA
output current (VOUT2)
Guaranteed 700mA output current for VOUT1
and 400mA for VOUT2
Low ground current of 120
µA
Output voltage accuracy of 2% for VOUT2
Current limit function
Built-in voltage detector
Shutdown control for VOUT1 and VOUT2
APPLICATIONS
Volyage Regulator for DVD-ROM and CD-ROM
Drives
Voltage Regulator for HDD and Floppy Drives
Voltage Regulator for circuits with Stepping
Motors or Servo Motors
DESCRIPTION
The SS6729 is a low dropout linear regulator
with voltage detection function.
It can be divided into four main functional
blocks, including a MOSFET for VOUT1, an LDO
for VOUT2, a voltage detector and two shutdown
controls.
The voltage detector can be used to detect VCC.
The detecting voltage of the voltage detector
is from 3.0V to 4.6V in 0.1V steps, and the
output (DOUT) of the VCC voltage detection
has an adjustable delay time before indicating
VCC. The user only needs to add one external
capacitor to implement it. When Vcc is below
the set detection voltage, DOUT is at logic-low.
VOUT1 is controlled by the SD1 pin. When SD1
is logic-high, the internal MOSFET for VOUT1 is
switched off, and vice versa.
    "%  ! +$;
&$  $+$
3# ,$: ,
 3
$
     0
6
*,2  #   
 ,- #  $ #
  ! +, µ' !  
 !9!!  $ 
     !  & !' 
$   !   
$
6*,2 !    ;
4$
Rev.2.02 3/21/2004


Similar Part No. - SS6729-3020CSTB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6721-50GXTR SSC-SS6721-50GXTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-50GZTR SSC-SS6721-50GZTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-GXTR SSC-SS6721-GXTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-GZTR SSC-SS6721-GZTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721D-50GXTR SSC-SS6721D-50GXTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
More results

Similar Description - SS6729-3020CSTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC1729 ETC1-AIC1729 Datasheet
482Kb / 8P
   400mA Low Dropout Linear Regulator with Voltage Detector Function
logo
Fitipower Integrated Te...
FP6163 FITIPOWER-FP6163 Datasheet
550Kb / 10P
   Low Input Voltage, Low Dropout 400mA Linear Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com