Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6732-52CXTR Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6732-52CXTR
Description  300mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6732-52CXTR Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS6732-52CXTR Datasheet HTML 1Page - Silicon Standard Corp. SS6732-52CXTR Datasheet HTML 2Page - Silicon Standard Corp. SS6732-52CXTR Datasheet HTML 3Page - Silicon Standard Corp. SS6732-52CXTR Datasheet HTML 4Page - Silicon Standard Corp. SS6732-52CXTR Datasheet HTML 5Page - Silicon Standard Corp. SS6732-52CXTR Datasheet HTML 6Page - Silicon Standard Corp. SS6732-52CXTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.SiliconStandard.com
6 of 7
SS6732
n BLOCK DIAGRAM
V
REF
1.235V
GND
VOUT
VIN
ERROR
AMP
+
-
THERMAL
LIMITING
-
+
CURRENT
LIMITING
n PIN DESCRIPTIONS
VOUT PIN - Output pin.
GND PIN
- Power GND.
VIN PIN
- Power Supply Input.
n APPLICATION INFORMATIONS
A capacitor of at least 1uF is required between
the device output pin and ground for stability.
Without this capacitor the part will oscillate. Even
though most types of capacitor may work, the
equivalent series resistance (ESR) should be held
to 5
Ω or less if an Aluminum electrolytic type is used.
Many Aluminum electrolytics have electrolytes
that freeze at about -30
°C, so solid tantalums are
recommended for operation below -25
°C. The
value of this capacitor may be increased without
limit.
A capacitor of at least 0.1uF should be placed
from the SS6732 input to ground if the lead
inductance between the input and power source
exceeds 500nH (approximately 10 inches of trace).
Rev.2.01 6/26/2003


Similar Part No. - SS6732-52CXTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CQTR SSC-SS6730-18CQTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CVTR SSC-SS6730-18CVTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CQTR SSC-SS6730-285CQTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CVTR SSC-SS6730-285CVTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
More results

Similar Description - SS6732-52CXTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com