Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25057VI-1.8 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X25057VI-1.8
Description  5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25057VI-1.8 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X25057VI-1.8 Datasheet HTML 3Page - Xicor Inc. X25057VI-1.8 Datasheet HTML 4Page - Xicor Inc. X25057VI-1.8 Datasheet HTML 5Page - Xicor Inc. X25057VI-1.8 Datasheet HTML 6Page - Xicor Inc. X25057VI-1.8 Datasheet HTML 7Page - Xicor Inc. X25057VI-1.8 Datasheet HTML 8Page - Xicor Inc. X25057VI-1.8 Datasheet HTML 9Page - Xicor Inc. X25057VI-1.8 Datasheet HTML 10Page - Xicor Inc. X25057VI-1.8 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
X25057
7
Figure 6. Page Write Operation Sequence
Figure 7. IDLock Operation Sequence
32 33 34 35 36 37 38 39
SCK
SI
CS
0
1
2
3
4
5
6
7
8
9
10
SCK
SI
PROGRAM
INSTRUCTION
BYTE ADDRESS
(2 BYTE)
7
6
5
4
3
2
1
0
CS
40 41 42 43 44 45 46 47
DATA BYTE 2
7
6
5
4
3
2
1
0
DATA BYTE 3
7
6
5
4
3
2
1
0
15 14 13
3
2
1
0
20 21 22 23 24 25 26 27 28 29 30 31
6
5
4
3
2
1
0
7033 FRM F07.3
DATA BYTE 16
DATA BYTE 1
0
1
2
3
4
5
6
7
8
9
CS
SCK
SI
SO
HIGH IMPEDANCE
IDLock
10 11 12 13 14 15
7033 FRM F08.2
IDLock
BYTE
0
0
0
0
0
INSTRUCTION
I
D
L
2
I
D
L
1
I
D
L
0


Similar Part No. - X25057VI-1.8

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25057VI-1.8 ICMIC-X25057VI-1.8 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
More results

Similar Description - X25057VI-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25097 XICOR-X25097 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
logo
IC MICROSYSTEMS
X25057 ICMIC-X25057 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25097 ICMIC-X25097 Datasheet
123Kb / 15P
   5MHz Low Power SPI Serial E2PROM with IDLockTM Memory
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com