Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25320SM-2.7 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X25320SM-2.7
Description  SPI Serial E2PROM With Block LockTM Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25320SM-2.7 Datasheet(HTML) 4 Page - Xicor Inc.

  X25320SM-2.7 Datasheet HTML 1Page - Xicor Inc. X25320SM-2.7 Datasheet HTML 2Page - Xicor Inc. X25320SM-2.7 Datasheet HTML 3Page - Xicor Inc. X25320SM-2.7 Datasheet HTML 4Page - Xicor Inc. X25320SM-2.7 Datasheet HTML 5Page - Xicor Inc. X25320SM-2.7 Datasheet HTML 6Page - Xicor Inc. X25320SM-2.7 Datasheet HTML 7Page - Xicor Inc. X25320SM-2.7 Datasheet HTML 8Page - Xicor Inc. X25320SM-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
X25320
4
Write-Protect Enable
The Write-Protect-Enable (WPEN) is available for the
X25320 as a nonvolatile enable bit for the
WP pin.
WPEN
WP WEL
Blocks
Blocks
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
LOW
0
Protected
Protected
Protected
1
LOW
1
Protected
Writable
Protected
X
HIGH
0
Protected
Protected
Protected
X
HIGH
1
Protected
Writable
Writable
3063 PGM T05.1
The Write Protect (
WP) pin and the nonvolatile Write
Protect Enable (WPEN) bit in the Status Register control
the programmable hardware write protect feature. Hard-
ware write protection is enabled when
WP pin is LOW,
and the WPEN bit is “1”. Hardware write protection is
disabled when either the
WP pin is HIGH or the WPEN
bit is “0”. When the chip is hardware write protected,
nonvolatile writes are disabled to the Status Register,
including the Block Protect bits and the WPEN bit itself,
as well as the block-protected sections in the memory
array. Only the sections of the memory array that are not
block-protected can be written.
Note:
Since the WPEN bit is write protected, it
cannot be changed back to a “0”, as long as
the
WP pin is held LOW.
Clock and Data Timing
Data input on the SI line is latched on the rising edge of
SCK. Data is output on the SO line by the falling edge of
SCK.
Read Sequence
When reading from the E2PROM memory array,
CS is
first pulled LOW to select the device. The 8-bit READ
instruction is transmitted to the X25320, followed by the
16-bit address of which the last 12 are used. After the
READ opcode and address are sent, the data stored in
the memory at the selected address is shifted out on the
SO line. The data stored in memory at the next address
can be read sequentially by continuing to provide clock
pulses. The address is automatically incremented to the
next higher address after each byte of data is shifted out.
When the highest address is reached ($0FFF) the
address counter rolls over to address $0000 allowing
the read cycle to be continued indefinitely. The read
operation is terminated by taking
CS HIGH. Refer to the
read E2PROM array operation sequence illustrated in
Figure 1.
To read the status register the
CS line is first pulled LOW
to select the device followed by the 8-bit RDSR instruc-
tion. After the RDSR opcode is sent, the contents of the
status register are shifted out on the SO line. The read
status register sequence is illustrated in Figure 2.
Write Sequence
Prior to any attempt to write data into the X25320, the
“write enable” latch must first be set by issuing the
WREN instruction (See Figure 3).
CS is first taken LOW,
then the WREN instruction is clocked into the X25320.
After all eight bits of the instruction are transmitted,
CS
must then be taken HIGH. If the user continues the write
operation without taking
CS HIGH after issuing the
WREN instruction, the write operation will be ignored.
To write data to the E2PROM memory array, the user
issues the WRITE instruction, followed by the address
and then the data to be written. This is minimally a
thirty-two clock operation.
CS must go LOW and remain
LOW for the duration of the operation. The host may
continue to write up to 32 bytes of data to the X25320.
The only restriction is the 32 bytes must reside on the
same page. If the address counter reaches the end of
the page and the clock continues, the counter will “roll
over” to the first address of the page and overwrite any
data that may have been written.
For the write operation (byte or page write) to be
completed,
CS can only be brought HIGH after bit 0 of data
byte N is clocked in. If it is brought HIGH at any other time the
write operation will not be completed. Refer to Figures 4 and
5 below for a detailed illustration of the write sequences and
time frames in which
CS going HIGH are valid.
To write to the status register, the WRSR instruction is
followed by the data to be written. Data bits 0, 1, 4, 5 and
6 must be “0”. This sequence is shown in Figure 6.
While the write is in progress following a status register
or E2PROM write sequence, the status register may be
read to check the WIP bit. During this time the WIP bit will
be HIGH.
Hold Operation
The
HOLD input should be HIGH (at VIH) under normal
operation. If a data transfer is to be interrupted
HOLD
can be pulled LOW to suspend the transfer until it can be
resumed. The only restriction is the SCK input must be
LOW when
HOLD is first pulled LOW and SCK must also
be LOW when
HOLD is released.
The
HOLD input may be tied HIGH either directly to VCC
or tied to VCC through a resistor.


Similar Part No. - X25320SM-2.7

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25320SM-2.7 ICMIC-X25320SM-2.7 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results

Similar Description - X25320SM-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
logo
IC MICROSYSTEMS
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 ICMIC-X25040 Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com