Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6714-33CZTB Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6714-33CZTB
Description  Negative Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6714-33CZTB Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6714-33CZTB Datasheet HTML 1Page - Silicon Standard Corp. SS6714-33CZTB Datasheet HTML 2Page - Silicon Standard Corp. SS6714-33CZTB Datasheet HTML 3Page - Silicon Standard Corp. SS6714-33CZTB Datasheet HTML 4Page - Silicon Standard Corp. SS6714-33CZTB Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.SiliconStandard.com
2 of 5
SS6714
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
.....................
............................………................................ -13V
Operating Temperature Range
.........................………........................ - 20
°C~80°C
Storage Temperature Range
........................………......................... - 65
°C~150°C
Power Dissipation
SOT-89 Package
.....….............. 0. 80W
TO-92 Package
........…............ 0.78W
TEST CIRCUIT
VOUT
A
A
V
V
+
LOAD
GND
VIN
OUT
SS6714
+
+
_
Voltage
Source
+
IOUT
IIN
VIN
1
µF
-
ELECTRICAL CHARACTERISTICS
(VIN= -6.0V, TJ=25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
SS6714-30
-2.95
-3.0
-3.05
V
SS6714-33
-3.25
-3.3
-3.35
V
Output Voltage
IOUT=300µA
SS6714-50
VOUT
-4.93
-5.0
-5.07
V
Load Regulation
IOUT=0~5mA
∆VOUT
20
100
mV
I/O Voltage Difference
IOUT=300µA
VDIFF
50
200
mV
Supply Current
IOUT=0
IIN
6
12
µA
Input Stability
V
V
V
OUT
IN
OUT
0.05
%/ V
Temperature Coefficient
-25
°C~85°C
TC
50
ppm
Output Short Circuit Current
RLOAD=0
15
24
mA
Rev.2.02 4/26/2004


Similar Part No. - SS6714-33CZTB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6721-50GXTR SSC-SS6721-50GXTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-50GZTR SSC-SS6721-50GZTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-GXTR SSC-SS6721-GXTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-GZTR SSC-SS6721-GZTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721D-50GXTR SSC-SS6721D-50GXTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
More results

Similar Description - SS6714-33CZTB

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
   Negative Voltage Regulator
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
   Negative Voltage Regulator
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
   Negative Voltage Regulator
logo
GTM CORPORATION
GSC79LXX GTM-GSC79LXX Datasheet
345Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L24 SECOS-S79L24_15 Datasheet
643Kb / 2P
   Negative Voltage Regulator
S79LXX SECOS-S79LXX_15 Datasheet
720Kb / 5P
   Negative Voltage Regulator
S79L24 SECOS-S79L24 Datasheet
643Kb / 2P
   Negative Voltage Regulator
logo
Analog Intergrations Co...
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
   Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com