Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C11S Datasheet(PDF) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # BZT52C11S
Description  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

BZT52C11S Datasheet(HTML) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

  BZT52C11S Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. BZT52C11S Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. BZT52C11S Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. BZT52C11S Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Surface mount zener diode
BZT52C2V0S-BZT52C39S
PACKAGE OUTLINE
Plastic surface mounted package
SOD-323
SOD-323
Dim
Min
Max
A
1.275
1.325
B
1.675
1.725
C
0.9 Typical
D
0.25
0.35
E
0.27
0.37
H
0.02
0.1
J
0.1 Typical
K
2.6
2.7
All Dimensions in mm
E
K
H
D
C
B
A
J
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
BZT52C2V0S-BZT52C39S
SOD-323
3000/Tape&Reel
www.shunyegroup.com


Similar Part No. - BZT52C11S

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
BZT52C11S CHENDA-BZT52C11S Datasheet
956Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C11S DIODES-BZT52C11S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
First Components Intern...
BZT52C11S FCI-BZT52C11S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Jiangsu Changjiang Elec...
BZT52C11S JIANGSU-BZT52C11S Datasheet
898Kb / 5P
   ZENER DIODE
logo
DONGGUAN YOU FENG WEI E...
BZT52C11S YFWDIODE-BZT52C11S Datasheet
1Mb / 4P
   Zener Diodes
More results

Similar Description - BZT52C11S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com