Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25169 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X25169
Description  V CC Supervisory Circuit w/Serial E 2 PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25169 Datasheet(HTML) 1 Page - Xicor Inc.

  X25169 Datasheet HTML 1Page - Xicor Inc. X25169 Datasheet HTML 2Page - Xicor Inc. X25169 Datasheet HTML 3Page - Xicor Inc. X25169 Datasheet HTML 4Page - Xicor Inc. X25169 Datasheet HTML 5Page - Xicor Inc. X25169 Datasheet HTML 6Page - Xicor Inc. X25169 Datasheet HTML 7Page - Xicor Inc. X25169 Datasheet HTML 8Page - Xicor Inc. X25169 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
7032 -1.1 6/17/97 T1/C0/D0 SH
1
Characteristics subject to change without notice
64K
32K
16K
X25648/49,
X25328/29,
X25168/69
8K x 8 Bit
4K x 8 Bit
2K x 8 Bit
VCC Supervisory Circuit w/Serial E
2PROM
FEATURES
• Low Vcc Detection and Reset Assertion
—Reset Signal Valid to Vcc=1V
• Save Critical Data With Block LockTM Protection
—Block LockTM Protect 0, 1/4, 1/2 or all of
Serial E2PROM Memory Array
• In Circuit Programmable ROM Mode
• Long Battery Life With Low Power Consumption
—<1
µA Max Standby Current
—<5mA Max Active Current during Write
—<400
µA Max Active Current during Read
• 1.8V to 3.6V, 2.7V to 5.5V and 4.5V to 5.5V Power
Supply Operation
• 2MHz Clock Rate
• Minimize Programming Time
—32 Byte Page Write Mode
—Self-Timed Write Cycle
—5ms Write Cycle Time (Typical)
• SPI Modes (0,0 & 1,1)
• Built-in Inadvertent Write Protection
—Power-Up/Power-Down Protection Circuitry
—Write Enable Latch
—Write Protect Pin
• High Reliability
• Available Packages
—14-Lead SOIC (X2564X)
—14-Lead TSSOP (X2532X, X2516X)
—8-Lead SOIC (X2532X, X2516X)
DESCRIPTION
These devices combines two popular functions, Supply
Voltage Supervision and Serial E2PROM Memory in one
package. This combination lowers system cost, reduces
board space requirements, and increases reliability.
The user’s system is protected from low voltage condi-
tions by the devices low Vcc detection circuitry. When
Vcc falls below the minimum Vcc trip point, the system is
reset. RESET/RESET is asserted until Vcc returns to
proper operating levels and stabilizes.
The memory portion of the device is a CMOS Serial
E2PROM array with Xicor’s Block LockTM Protection. The
array is internally organized as x 8. The device features a
Serial Peripheral Interface (SPI) and software protocol
allowing operation on a simple four-wire bus.
The device utilizes Xicor’s proprietary Direct WriteTM cell,
providing a minimum endurance of 100,000 cycles per
sector and a minimum data retention of 100 years.
BLOCK DIAGRAM
DATA
REGISTER
COMMAND
DECODE &
CONTROL
LOGIC
RESET
CONTROL
LOW
VOLTAGE
SENSE
PROGRAMMING,
BLOCK LOCK &
ICP ROM CONTROL
X - DECODE
LOGIC
STATUS
REGISTER
PAGE DECODE LOGIC
SERIAL
E2PROM
ARRAY
HIGH
VOLTAGE
CONTROL
SI
SO
SCK
CS
RESET/RESET
VCC
WP
7036 FRM 01
32
8


Similar Part No. - X25169

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160F ICMIC-X25160F Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160FP ICMIC-X25160FP Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160FV ICMIC-X25160FV Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results

Similar Description - X25169

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25643 XICOR-X25643 Datasheet
76Kb / 16P
   Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
X25644 XICOR-X25644 Datasheet
76Kb / 15P
   Programmable Watchdog Timer w/Serial E 2 PROM
logo
OKI electronic componet...
MSM16911 OKI-MSM16911 Datasheet
329Kb / 8P
   1024-BIT SERIAL E-2 PROM
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com