Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR1012-821K Datasheet(PDF) 2 Page - Productwell Precision Elect.CO.,LTD

Part # DR1012-821K
Description  DRUM INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

DR1012-821K Datasheet(HTML) 2 Page - Productwell Precision Elect.CO.,LTD

  DR1012-821K Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD DR1012-821K Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD DR1012-821K Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD DR1012-821K Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD DR1012-821K Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
l ELECTRICAL SPECIFICATIONS
PART NO
INDUCTANCE
@1KHZ/0.25V
μH)
Q
(MIN)
TEST
FREQ
(MHZ)
DC
RESISTANCE
(
Ω)MAX
RATED DC
CURRENT
(A)MAX
S.F.R
FREQ
(MHZ)MIN.
DR0406-1R0M
DR0406-1R5M
DR0406-2R2M
DR0406-3R3M
DR0406-4R7M
1.0
1.5
2.2
3.3
4.7
85
85
85
85
80
7.96
7.96
7.96
7.96
7.96
0.014
0.02
0.02
0.03
0.04
3.5
3.0
2.5
2.0
1.7
120
90
55
50
30
DR0406-6R8M
DR0406-100K
DR0406-120K
DR0406-150K
DR0406-180K
6.8
10
12
15
18
75
70
70
65
50
7.96
2.52
2.52
2.52
2.52
0.06
0.08
0.10
0.11
0.11
1.3
1.0
0.95
0.90
0.80
25
22
20
16
14
DR0406-220K
DR0406-270K
DR0406-330K
DR0406-390K
DR0406-470K
22
27
33
39
47
50
50
50
45
45
2.52
2.52
2.52
2.52
2.52
0.12
0.14
0.16
0.18
0.20
0.70
0.60
0.55
0.50
0.50
14
12
10
9.0
9.0
DR0406-560K
DR0406-680K
DR0406-820K
DR0406-101K
DR0406-121K
56
68
82
100
120
35
35
35
20
20
2.52
2.52
2.52
0.796
0.796
0.22
0.30
0.34
0.36
0.44
0.45
0.45
0.40
0.40
0.35
8.0
8.0
8.0
7.0
6.0
DR0406-151K
DR0406-181K
DR0406-221K
DR0406-271K
DR0406-331K
150
180
220
270
330
20
20
20
25
25
0.796
0.796
0.796
0.796
0.796
0.52
0.65
0.75
1.00
1.30
0.30
0.30
0.25
0.24
0.20
5.5
5.0
4.5
4.0
3.5
DR0406-391K
DR0406-471K
DR0406-561K
DR0406-681K
DR0406-821K
390
470
560
680
820
25
25
25
25
25
0.796
0.796
0.796
0.796
0.796
1.40
1.60
2.00
2.30
2.70
0.18
0.16
0.16
0.14
0.13
3.0
3.0
2.7
2.5
2.4
DR0406-102K
1000
50
0.252
3.10
0.12
2.2
DR SERIES
DRUM INDUCTORS
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
28


Similar Part No. - DR1012-821K

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
DR1000 EDI-DR1000 Datasheet
45Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
Danisense A/S
DR10000IM DANISENSE-DR10000IM Datasheet
1Mb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 11000A
2023-03-06
DR10000UX-10V DANISENSE-DR10000UX-10V Datasheet
563Kb / 8P
   Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 11kA
2022-11-24
logo
Crydom Inc.,
DR100D12 CRYDOM-DR100D12 Datasheet
1Mb / 7P
   Ratings of 6 & 12 Amps
logo
Eaton All Rights Reserv...
DR1030 EATON-DR1030 Datasheet
432Kb / 5P
   Shielded power inductors
More results

Similar Description - DR1012-821K

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-5480 RENCO-RL-5480 Datasheet
319Kb / 8P
   ?쏮INI-DRUM??INDUCTORS
logo
Rhombus Industries Inc.
L-529 RHOMBUS-IND-L-529 Datasheet
16Kb / 1P
   Mini Drum Inductors
L-503 RHOMBUS-IND-L-503 Datasheet
15Kb / 1P
   Mini Drum Inductors
L-661 RHOMBUS-IND-L-661 Datasheet
15Kb / 1P
   Mini Drum Inductors
logo
Allied Components Inter...
RDC50-1R8K-RC ALLIED-RDC50-1R8K-RC Datasheet
756Kb / 1P
   Radial Drum Core Inductors
RDC30 ALLIED-RDC30 Datasheet
369Kb / 1P
   Radial Drum Core Inductors
logo
Frontier Electronics.
1206SDFC FRONTIER-1206SDFC Datasheet
139Kb / 2P
   SMD SQUARE DRUM INDUCTORS
logo
Allied Components Inter...
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
logo
Frontier Electronics.
1812SDF-1R0J-LFR FRONTIER-1812SDF-1R0J-LFR Datasheet
102Kb / 1P
   SMD Square Drum Inductors
logo
Allied Components Inter...
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
   Radial Drum Core Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com