Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25642S Datasheet(PDF) 7 Page - Xicor Inc.

Part # X25642S
Description  Advanced SPI Serial E 2 PROM with Block Lock TM Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25642S Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X25642S Datasheet HTML 3Page - Xicor Inc. X25642S Datasheet HTML 4Page - Xicor Inc. X25642S Datasheet HTML 5Page - Xicor Inc. X25642S Datasheet HTML 6Page - Xicor Inc. X25642S Datasheet HTML 7Page - Xicor Inc. X25642S Datasheet HTML 8Page - Xicor Inc. X25642S Datasheet HTML 9Page - Xicor Inc. X25642S Datasheet HTML 10Page - Xicor Inc. X25642S Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
X25642
7
Figure 6. Write Status Register Operation Sequence
Figure 5. Page Write Operation Sequence
32 33 34 35 36 37 38 39
SCK
SI
CS
0123456789
10
SCK
SI
INSTRUCTION
16 BIT ADDRESS
DATA BYTE 1
76543210
CS
40 41 42 43 44 45 46 47
DATA BYTE 2
76543210
DATA BYTE 3
76543210
DATA BYTE N
15 14 13
3210
20 21 22 23 24 25 26 27 28 29 30 31
6543210
3132 ILL F07
0123456789
CS
SCK
SI
SO
HIGH IMPEDANCE
INSTRUCTION
DATA BYTE
76543210
10 11 12 13 14 15
3132 ILL F08.1


Similar Part No. - X25642S

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25642S ICMIC-X25642S Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25642S-2.7 ICMIC-X25642S-2.7 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25642S8 ICMIC-X25642S8 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25642S8-2.7 ICMIC-X25642S8-2.7 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25642S8G ICMIC-X25642S8G Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25642S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com