Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2712D-600M Datasheet(PDF) 4 Page - Productwell Precision Elect.CO.,LTD

Part # TC2712D-600M
Description  TOROID INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

TC2712D-600M Datasheet(HTML) 4 Page - Productwell Precision Elect.CO.,LTD

  TC2712D-600M Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD TC2712D-600M Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD TC2712D-600M Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD TC2712D-600M Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
l SPECIFICAL GUIDE FOR STANDARD COIL(TEST FREQ:1.0KHZ/0.25V)
PART NO
L(
μH)
At IDC=0A
DCR
(m
Ω)max
Imax
(A)
L(
μH)
At IDC max
A
(mm max)
B
(mm max)
TC2916D-471M
470
0.118
3.0
225
28.5
15.5
TC2814D-182M
1800
0.680
1.0
1130
27.5
14.0
TC3116D-820M
82
0.033
5.0
52
31.0
15.5
TC3014D-101M
100
0.042
4.0
69
29.5
13.5
TC2913D-131M
130
0.061
3.0
96
29.0
13.0
TC2912D-221M
220
0.121
2.0
170
28.5
12.0
TC3016D-301M
300
0.064
5.0
120
30.0
15.5
TC3015D-391M
390
0.088
4.0
165
29.5
15.0
TC2812D-471M
470
0.342
1.0
400
27.5
11.5
TC2914D-501M
500
0.124
3.0
242
29.0
14.0
TC2914D-781M
780
0.225
2.0
428
28.5
13.5
TC2913D-132M
1300
0.585
1.0
933
28.5
12.5
TC3620D-300M
30
0.009
10.0
21
36.0
19.5
TC3620D-350M
35
0.010
10.0
25
36.0
19.5
TC3418D-560M
56
0.020
7.0
41.5
34.0
18.0
TC3418D-680M
68
0.021
7.0
46
34.0
18.0
TC3418D-820M
82
0.023
7.0
53
34.0
18.0
TC3417D-101M
100
0.036
5.0
75
33.5
17.0
TC3317D-151M
150
0.053
4.0
110
32.5
16.5
TC3216D-201M
200
0.078
3.0
157
32.0
16.0
TC3216D-301M
300
0.142
2.0
250
31.5
15.5
TC3317D-851M
850
0.211
2.0
567
32.5
16.5
TC4220D-750M
75
0.014
10.0
43
42.0
19.5
TC4118D-131M
130
0.031
7.0
79
41.0
18.0
TC3917D-201M
200
0.056
5.0
134
39.0
17.0
TC4322D-251M
250
0.027
10.0
105
42.5
21.5
TC4120D-471M
470
0.064
7.0
190
40.5
19.5
TC3919D-681M
680
0.105
5.0
295
39.0
18.5
TC SERIES
TOROID INDUCTORS
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
26


Similar Part No. - TC2712D-600M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
logo
SHENZHEN FUMAN ELECTRON...
TC2711B FUMAN-TC2711B Datasheet
2Mb / 73P
   Eight-bit microcontroller
More results

Similar Description - TC2712D-600M

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LCPI EATON-LCPI Datasheet
423Kb / 6P
   Toroid power inductors
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
7001-RC BOURNS-7001-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com