Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR0608-470K Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # DR0608-470K
Description  DRUM INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

DR0608-470K Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  DR0608-470K Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD DR0608-470K Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD DR0608-470K Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD DR0608-470K Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD DR0608-470K Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
l
l DIMENSION CODE
TYPE
ΦA(MAX)
B(MAX)
C
D(MIN)
E
DR0406
5.0
8.0
2.0
±0.5
10
0.55
±0.05
DR0608
7.0
10.0
2.5
±0.5
10
0.65
±0.05
DR0810
9.0
12.5
5.0
±1.0
10
0.65
±0.05
DR1012
12.0
15.0
6.0
±1.0
10
0.80
±0.05
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com
DR SERIES
DRUM INDUCTORS
MECHANICALS
CONSTRUCTION
27
l
特性
1. 開磁結構
2. 高額定電流
l
用途
1. 電源供應器﹑直流交換器
2. 電視﹑磁帶錄像機﹑電腦
3. 電腦外圍設備
4. 電話﹑空調﹑
5. 家用電子器具
6. 電動玩具及電動游戲
l FEATURES
1. Open magnetic circuit construction
2. High rated current
l APPLICATIONS
1. Power supplies﹑DC-DC converters
2. TVs﹑VTR﹑computers
3. Computer peripherals
4. Telephones﹑AIR-Conditions
5. Home electric appliance
6. Electronic toy and games
l PART NUMBERING SYSTEM(品名規定)
D R
1 0 12
1 0 0
K
1
2
3
4
DRUM
DIMENSIONS
INDUCTANCE
TOLERANCE CODE
INDUCTOR
A 、B DIM
10*10
0=10uH
J :
±5% K: ±10% L±15%
M :
±20% P: ±25% N: ±30%
工字形电感
尺寸
電感值
公差


Similar Part No. - DR0608-470K

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DR0608-472L COILCRAFT-DR0608-472L Datasheet
212Kb / 2P
   Power Inductors
DR0608-472L COILCRAFT-DR0608-472L Datasheet
240Kb / 2P
   Power Inductors ??DR0608 Series
DR0608-473L COILCRAFT-DR0608-473L Datasheet
212Kb / 2P
   Power Inductors
DR0608-473L COILCRAFT-DR0608-473L Datasheet
240Kb / 2P
   Power Inductors ??DR0608 Series
DR0608-474L COILCRAFT-DR0608-474L Datasheet
212Kb / 2P
   Power Inductors
More results

Similar Description - DR0608-470K

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-5480 RENCO-RL-5480 Datasheet
319Kb / 8P
   ?쏮INI-DRUM??INDUCTORS
logo
Rhombus Industries Inc.
L-529 RHOMBUS-IND-L-529 Datasheet
16Kb / 1P
   Mini Drum Inductors
L-503 RHOMBUS-IND-L-503 Datasheet
15Kb / 1P
   Mini Drum Inductors
L-661 RHOMBUS-IND-L-661 Datasheet
15Kb / 1P
   Mini Drum Inductors
logo
Allied Components Inter...
RDC50-1R8K-RC ALLIED-RDC50-1R8K-RC Datasheet
756Kb / 1P
   Radial Drum Core Inductors
RDC30 ALLIED-RDC30 Datasheet
369Kb / 1P
   Radial Drum Core Inductors
logo
Frontier Electronics.
1206SDFC FRONTIER-1206SDFC Datasheet
139Kb / 2P
   SMD SQUARE DRUM INDUCTORS
logo
Allied Components Inter...
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
logo
Frontier Electronics.
1812SDF-1R0J-LFR FRONTIER-1812SDF-1R0J-LFR Datasheet
102Kb / 1P
   SMD Square Drum Inductors
logo
Allied Components Inter...
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
   Radial Drum Core Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com