Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB201209Z100 Datasheet(PDF) 11 Page - Productwell Precision Elect.CO.,LTD

Part # MB201209Z100
Description  MULTILAYER CHIP BEADS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

MB201209Z100 Datasheet(HTML) 11 Page - Productwell Precision Elect.CO.,LTD

Back Button MB201209Z100 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD MB201209Z100 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD MB201209Z100 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD MB201209Z100 Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD MB201209Z100 Datasheet HTML 7Page - Productwell Precision Elect.CO.,LTD MB201209Z100 Datasheet HTML 8Page - Productwell Precision Elect.CO.,LTD MB201209Z100 Datasheet HTML 9Page - Productwell Precision Elect.CO.,LTD MB201209Z100 Datasheet HTML 10Page - Productwell Precision Elect.CO.,LTD MB201209Z100 Datasheet HTML 11Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PACKING
1. TAPE DIMENSIONS AND PACKING QUANTITY
TYPE
A
B
W
P
T
CHIPS/REEL
MB453215
3.6
4.9
12
8
1.9
1000
MB451616
1.9
4.9
12
4
2.0
2000
MB322513
2.9
3.6
8
4
1.7
2000
MB321616
1.9
3.5
8
4
2.0
2000
MB321611
1.9
3.5
8
4
1.5
3000
MB201209
1.5
2.3
8
4
1.3
4000
MB160808
1.1
1.9
8
4
1.1
4000
Material: Paper, Plastic
2.
REEL DIMENSION
DIMENSION
W=8 mm
W=12mm
A
178
±2
178
±2
B
13.0
±0.8
13.0
±0.8
C
21.0
±0.8
21.0
±0.8
D
75
75
E
12.5
16.5
F
10.0
14.0
MB SERIES
MULTILAYER CHIP BEADS
P
A
T
05
05
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
22


Similar Part No. - MB201209Z100

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB2012DMRW-12RI4 MPD-MB2012DMRW-12RI4 Datasheet
471Kb / 4P
   Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
MB2012DMRW-15RI4 MPD-MB2012DMRW-15RI4 Datasheet
471Kb / 4P
   Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
MB2012SMRW-05RI4 MPD-MB2012SMRW-05RI4 Datasheet
471Kb / 4P
   Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
MB2012SMRW-12RI4 MPD-MB2012SMRW-12RI4 Datasheet
471Kb / 4P
   Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
MB2012SMRW-15RI4 MPD-MB2012SMRW-15RI4 Datasheet
471Kb / 4P
   Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
More results

Similar Description - MB201209Z100

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EFZ ECE-EFZ Datasheet
200Kb / 7P
   MULTILAYER CHIP BEADS
logo
Sumida Corporation
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
   Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
   Multilayer Chip Ferrite Beads
SHB-5750 SUMIDA-SHB-5750 Datasheet
271Kb / 1P
   Multilayer Chip Ferrite Beads
SHU-1M2012-400 SUMIDA-SHU-1M2012-400 Datasheet
400Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M3216-500 SUMIDA-SHH-1M3216-500 Datasheet
459Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1M1005-100 SUMIDA-SHB-1M1005-100 Datasheet
491Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1L1608 SUMIDA-SHB-1L1608 Datasheet
464Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M2012-150 SUMIDA-SHH-1M2012-150 Datasheet
453Kb / 4P
   Multilayer Chip Ferrite Beads
SHH-1M1608-300 SUMIDA-SHH-1M1608-300 Datasheet
439Kb / 4P
   Multilayer Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com