Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB201209Z151 Datasheet(PDF) 5 Page - Productwell Precision Elect.CO.,LTD

Part # MB201209Z151
Description  MULTILAYER CHIP BEADS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

MB201209Z151 Datasheet(HTML) 5 Page - Productwell Precision Elect.CO.,LTD

  MB201209Z151 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD MB201209Z151 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD MB201209Z151 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD MB201209Z151 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD MB201209Z151 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD MB201209Z151 Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD MB201209Z151 Datasheet HTML 7Page - Productwell Precision Elect.CO.,LTD MB201209Z151 Datasheet HTML 8Page - Productwell Precision Elect.CO.,LTD MB201209Z151 Datasheet HTML 9Page - Productwell Precision Elect.CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
l TYPICAL ELECTRICAL CHARACTERISTICS 典型電氣特性
MB453215U131
MB453215Z131
MB453215U121
MB453215B700
MB451616U600
MB451616Z520
MB SERIES
MULTILAYER CHIP BEADS
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
16


Similar Part No. - MB201209Z151

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB2012DMRW-12RI4 MPD-MB2012DMRW-12RI4 Datasheet
471Kb / 4P
   Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
MB2012DMRW-15RI4 MPD-MB2012DMRW-15RI4 Datasheet
471Kb / 4P
   Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
MB2012SMRW-05RI4 MPD-MB2012SMRW-05RI4 Datasheet
471Kb / 4P
   Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
MB2012SMRW-12RI4 MPD-MB2012SMRW-12RI4 Datasheet
471Kb / 4P
   Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
MB2012SMRW-15RI4 MPD-MB2012SMRW-15RI4 Datasheet
471Kb / 4P
   Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
More results

Similar Description - MB201209Z151

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EFZ ECE-EFZ Datasheet
200Kb / 7P
   MULTILAYER CHIP BEADS
logo
Sumida Corporation
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
   Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
   Multilayer Chip Ferrite Beads
SHB-5750 SUMIDA-SHB-5750 Datasheet
271Kb / 1P
   Multilayer Chip Ferrite Beads
SHU-1M2012-400 SUMIDA-SHU-1M2012-400 Datasheet
400Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M3216-500 SUMIDA-SHH-1M3216-500 Datasheet
459Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1M1005-100 SUMIDA-SHB-1M1005-100 Datasheet
491Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1L1608 SUMIDA-SHB-1L1608 Datasheet
464Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M2012-150 SUMIDA-SHH-1M2012-150 Datasheet
453Kb / 4P
   Multilayer Chip Ferrite Beads
SHH-1M1608-300 SUMIDA-SHH-1M1608-300 Datasheet
439Kb / 4P
   Multilayer Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com