Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAEP13012 Datasheet(PDF) 4 Page - Productwell Precision Elect.CO.,LTD

Part # SAEP13012
Description  ADSL LINE TRANSFORMER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SAEP13012 Datasheet(HTML) 4 Page - Productwell Precision Elect.CO.,LTD

  SAEP13012 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SAEP13012 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD SAEP13012 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD SAEP13012 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD SAEP13012 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
l SPECIFICATIONS
l
l SCHEMATICS
SAEP13001/ 13011
SAEP13002/13007/13015/13017
SAEP13003
SAEP13004
PART NO
Insertion Loss
(dB Max)
DC Resistance
(OHM Max)
Isolation
Voltage
SAEP13015
-1.0(@100KHz & 1.1MHz
1.0(1-4),(3+2)short
1500
SAEP13016
-1.0 @100 Hz & 1.1MHz
0.59 (1-3),(2-4) 0.48 (9-7),(10-8)
1500
SAEP13017
-0.6@772 KHz
0.33(10-7),(9-6) 0.39(1-4),(2-5)
1500
SAEP13018
-1.0@772 KHz
0.67(10-7),(9-6) 0.42(1-4),(2-5)
1500
SAEP13019
-1 @ 25KHz/1.1 MHz/0.1V
0.35(1-3) 0.4(2-4) .75(10-8,9-7)
1500
SAEP13020
-1.0@100 KHz
1.0(1-3) 1.3(2-4) 1.1(10-8,9-7)
1500
SAEP13021
-0.5@300 KHz
0.7(10-7) 3.8(1-4)
1500
SAEP13022
-0.5@300 KHz
0.7(10-7) 1.25(1-4)
1500
SAEP13023
-1.0@100 KHz & 1.1 MHz
0.75(1-4),(2-5) 0.45(10-7),(9-6)
1500
SAEP13024
-0.5@40KHz
2.5 (1-5) 1.0 (9-7)
1500
SAEP13025
-0.5 @100KHz
1.45
±10% (1-4),(2-5) 0.45±10% (9-7)
1500
SAEP SERIES
ADSL LINE TRANSFORMER
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
64


Similar Part No. - SAEP13012

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SAE-AS22759 ULTI-MATE-SAE-AS22759 Datasheet
44Kb / 1P
   Micro-D Wired Standard Profile 15 Pin High Profile Slotted Head Jackscrew 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Cadmium Metal Shell 125 Max Temp No QPL
10-12-06
logo
Advantech Co., Ltd.
SAE-J2284 ADVANTECH-SAE-J2284 Datasheet
209Kb / 2P
   Intelligent Cellular LTE OBD Data Interface – GPS, Category M1
22-Mar-2021
logo
Siemens Semiconductor G...
SAE0530 SIEMENS-SAE0530 Datasheet
764Kb / 21P
   PROGRAMMABLE TIMER
SAE0531 SIEMENS-SAE0531 Datasheet
764Kb / 21P
   PROGRAMMABLE TIMER
SAE0532 SIEMENS-SAE0532 Datasheet
764Kb / 21P
   PROGRAMMABLE TIMER
More results

Similar Description - SAEP13012

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-2013 BOTHHAND-AD-2013 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2016 BOTHHAND-AD-2016 Datasheet
52Kb / 1P
   ADSL LINE TRANSFORMER
AD-2031 BOTHHAND-AD-2031 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2926S BOTHHAND-AD-2926S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-2951 BOTHHAND-AD-2951 Datasheet
361Kb / 1P
   ADSL LINE TRANSFORMER
AD-5028S BOTHHAND-AD-5028S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-5970S BOTHHAND-AD-5970S Datasheet
254Kb / 1P
   ADSL LINE TRANSFORMER
logo
XFMRS Inc.
XFADSL46 XFMRS-XFADSL46 Datasheet
70Kb / 1P
   ADSL Line Transformer
logo
Bothhand USA, LP.
AD-2181 BOTHHAND-AD-2181 Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMER
AD-5070S BOTHHAND-AD-5070S Datasheet
96Kb / 1P
   ADSL LINE TRANSFORMER
XM-6027S BOTHHAND-XM-6027S Datasheet
71Kb / 1P
   ADSL LINE TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com