Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6641-30CSTB Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6641-30CSTB
Description  Low Voltage Step-Up DC/DC Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6641-30CSTB Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6641-30CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 10Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 11Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 12Page - Silicon Standard Corp. SS6641-30CSTB Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.SiliconStandard.com
11 of 13
SS6641



0

7
2 ×

* 6
&6
>

2
=
P
>
=0
P
>


=

*






+
=

0)
+   ) 0'/9 *#,  
    0 - 
&)
0I
+
+






0
P
7
$







 −
7
$
2
1
P
7







=0)>
0I
+






0
P
7
$






 −
7
$
2
1
P
7









1&20
0& 8
&
!µµµµ9+
6
!Ω
Ω+
6
!+
9
!))+
3:
(.#$
(.:
),  8 $3
'((
(.$(
(.$
3.$
3:
(.#$
(.:
9,  80,$3
'((
(.$(
(.$
3.$
9,  80,:$
;;
(.''
'.#
$.(
90&- 8(<'(
;;
3()
#
'(.(

0& 6575 &-

      '
 .9  $) 
)& A 1
   A      
(" (" )  -  & 
   1  
)  &    $)
' "'?)$  A
.09

,&
& O   ) 
 &   27;    
$)

& 5575 &-
9 9-
      
/   &  
-2?;D2,-
,/A;:    #   
 2?424D&
 ) &

Rev.2.01 6/26/2003


Similar Part No. - SS6641-30CSTB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
logo
Sensitron
SS6640 SENSITRON-SS6640 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
logo
Silicon Standard Corp.
SS6640-27COTB SSC-SS6640-27COTB Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
SS6640-27COTR SSC-SS6640-27COTR Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
SS6640-27CSTB SSC-SS6640-27CSTB Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
More results

Similar Description - SS6641-30CSTB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
logo
Maxim Integrated Produc...
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com