Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24C04S8I-3 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X24C04S8I-3
Description  Serial E2PROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C04S8I-3 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X24C04S8I-3 Datasheet HTML 6Page - Xicor Inc. X24C04S8I-3 Datasheet HTML 7Page - Xicor Inc. X24C04S8I-3 Datasheet HTML 8Page - Xicor Inc. X24C04S8I-3 Datasheet HTML 9Page - Xicor Inc. X24C04S8I-3 Datasheet HTML 10Page - Xicor Inc. X24C04S8I-3 Datasheet HTML 11Page - Xicor Inc. X24C04S8I-3 Datasheet HTML 12Page - Xicor Inc. X24C04S8I-3 Datasheet HTML 13Page - Xicor Inc. X24C04S8I-3 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
X24C04
Bus Timing
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tLOW
tSU:STO
tR
tBUF
SCL
SDA IN
SDA OUT
tDH
tAA
tF
tHIGH
3839 FHD F04
A.C. CONDITIONS OF TEST
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10 ns
Input and Output
Timing Levels
VCC x 0.5
3839 PGM T02
5.0V
1533
100pF
Output
EQUIVALENT A.C. LOAD CIRCUIT
A.C. CHARACTERISTICS (Over recommended operating conditions unless otherwise specified)
Read & Write Cycle Limits
Symbol
Parameter
Min.
Max.
Units
fSCL
SCL Clock Frequency
0
100
KHz
TI
Noise Suppression Time
100
ns
Constant at SCL, SDA Inputs
tAA
SCL Low to SDA Data Out Valid
0.3
3.5
µs
tBUF
Time the Bus Must Be Free Before a
4.7
µs
New Transmission Can Start
tHD:STA
Start Condition Hold Time
4.0
µs
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4.0
µs
tSU:STA
Start Condition Setup Time
4.7
µs
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
µs
tSU:DAT
Data In Setup Time
250
ns
tR
SDA and SCL Rise Time
1
µs
tF
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
4.7
µs
tDH
Data Out Hold Time
300
ns
3839 PGM T06
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(4)
Power-up to Read Operation
1
ms
tPUW(4)
Power-up to Write Operation
5
ms
3839 PGM T07
Notes: (4) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters
are periodically sampled and not 100% tested.


Similar Part No. - X24C04S8I-3

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24C04S8I-3 ICMIC-X24C04S8I-3 Datasheet
393Kb / 18P
   Serial E2PROM
X24C04S8I-3.5 ICMIC-X24C04S8I-3.5 Datasheet
393Kb / 18P
   Serial E2PROM
More results

Similar Description - X24C04S8I-3

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com