Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24F128S-5 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X24F128S-5
Description  2-Wire SerialFlash with Block Lock TM Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F128S-5 Datasheet(HTML) 1 Page - Xicor Inc.

  X24F128S-5 Datasheet HTML 1Page - Xicor Inc. X24F128S-5 Datasheet HTML 2Page - Xicor Inc. X24F128S-5 Datasheet HTML 3Page - Xicor Inc. X24F128S-5 Datasheet HTML 4Page - Xicor Inc. X24F128S-5 Datasheet HTML 5Page - Xicor Inc. X24F128S-5 Datasheet HTML 6Page - Xicor Inc. X24F128S-5 Datasheet HTML 7Page - Xicor Inc. X24F128S-5 Datasheet HTML 8Page - Xicor Inc. X24F128S-5 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2-Wire SerialFlash with Block LockTM Protection
128K
16K x 8 Bit
©Xicor, 1995, 1996 Patents Pending
Characteristics subject to change without notice
7012-0.8 11/25/96 T1/C0/D0 SH
1
X24F128
FUNCTIONAL DIAGRAM
FEATURES
Save Critical Data With Programmable
Block Lock Protection
—Block Lock (0, 1/4, 1/2, or all of E2PROM Array)
—Software Program Protection
—Programmable Hardware Program Protect
In Circuit Programmable ROM Mode
Longer Battery Life With Lower Power
—Active Read Current Less Than 1mA
—Active Program Current Less Than 3mA
—Standby Current Less Than 1
µA
1.8V to 3.6V or 5V “Univolt” Read and
Program Power Supply Versions
32 Word Sector Program Mode
—Minimizes Total Program Time Per Word
100KHz 2-Wire Serial Interface
Internally Organized 16K x 8
Bidirectional Data Transfer Protocol
Self-Timed Program Cycle
—Typical Program Cycle Time of 5ms
High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
8-Lead DIP
16-Lead SOIC
DESCRIPTION
The X24F128 is a CMOS SerialFlash Memory, inter-
nally organized 16K x 8. The device features a serial
interface and software protocol allowing operation on a
simple two wire bus.
Three device select inputs (S0–S2) allow up to eight
devices to share a common two wire bus.
A Program Protect Register at the address location
FFFFh provides three program protection features:
Software Program Protect, Block Lock Protect, and
Hardware Program Protect. The Software Program
Protect feature prevents any nonvolatile writes to the
device until the PEL bit in the Program Protect
Register is set. The Block Lock Protection feature
allows the user to individually block protect four blocks
of the array by programming two bits in the Program
Protect
Register.
The
Programmable
Hardware
Program Protect feature allows the user to install the
device with PP tied to VCC, program the entire memory
array in circuit, and then enable the hardware program
protection by programming a PPEN bit in the Program
Protect Register. After this, selected blocks of the
array, including the Program Protect Register itself, are
permanently protected from being erased.
SCL
SERIALFLASH DATA
AND ADDRESS (SDA)
PP
PROGRAM VOLTAGE
CONTROL
SERIALFLASH
ARRAY
16K x 8
S1
S0
S2
4K x 8
4K x 8
8K x 8
COMMAND
DECODE
AND
CONTROL
LOGIC
SECTOR
DECODE
LOGIC
DEVICE
SELECT
LOGIC
PROGRAM
PROTECT
REGISTER
BLOCK LOCK AND
PROGRAM PROTECT
CONTROL LOGIC
Y DECODE LOGIC
DATA REGISTER
7012 ILL F01.4
APPLICATION NOTE
A V A I L A B L E
AN84


Similar Part No. - X24F128S-5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F016 XICOR-X24F016 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016P XICOR-X24F016P Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016P-5 XICOR-X24F016P-5 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016P-5 XICOR-X24F016P-5 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016PE XICOR-X24F016PE Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
More results

Similar Description - X24F128S-5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com