Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24325VM-2.7 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X24325VM-2.7
Description  Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24325VM-2.7 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X24325VM-2.7 Datasheet HTML 4Page - Xicor Inc. X24325VM-2.7 Datasheet HTML 5Page - Xicor Inc. X24325VM-2.7 Datasheet HTML 6Page - Xicor Inc. X24325VM-2.7 Datasheet HTML 7Page - Xicor Inc. X24325VM-2.7 Datasheet HTML 8Page - Xicor Inc. X24325VM-2.7 Datasheet HTML 9Page - Xicor Inc. X24325VM-2.7 Datasheet HTML 10Page - Xicor Inc. X24325VM-2.7 Datasheet HTML 11Page - Xicor Inc. X24325VM-2.7 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
X24325
8
Figure 10. Typical System Configuration
Sequential Read
Sequential reads can be initiated as either a current
address read or random access read. The first word is
transmitted as with the other modes, however, the
master now responds with an acknowledge, indicating
it requires additional data. The X24325 continues to
output data for each acknowledge received. The read
operation is terminated by the master; by not
responding with an acknowledge and then issuing a
stop condition.
The data output is sequential, with the data from
address n followed by the data from n + 1. The address
counter for read operations increments all address bits,
allowing the entire memory contents to be serially read
during one operation. At the end of the address space
(address 4095), the counter “rolls over” to 0 and the
X24325 continues to output data for each acknowledge
received.
Refer
to
Figure
9
for
the
address,
acknowledge and data transfer sequence.
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24325
SLAVE
ADDRESS
A
C
K
6552 ILL F13
A
C
K
DATA n+x
S
T
O
P
P
DATA n
A
C
K
DATA n+1
A
C
K
DATA n+2
MASTER
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
SLAVE
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
MASTER
TRANSMITTER/
RECEIVER
PULL-UP
RESISTORS
SDA
SCL
VCC
6552 ILL F14
Figure 9. Sequential Read


Similar Part No. - X24325VM-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AE ICMIC-X24320AE Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEG ICMIC-X24320AEG Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEP ICMIC-X24320AEP Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
More results

Similar Description - X24325VM-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com